Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 337 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 337 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 333Page - Cirrus Logic WM8994ECS/R Datasheet HTML 334Page - Cirrus Logic WM8994ECS/R Datasheet HTML 335Page - Cirrus Logic WM8994ECS/R Datasheet HTML 336Page - Cirrus Logic WM8994ECS/R Datasheet HTML 337Page - Cirrus Logic WM8994ECS/R Datasheet HTML 338Page - Cirrus Logic WM8994ECS/R Datasheet HTML 339Page - Cirrus Logic WM8994ECS/R Datasheet HTML 340Page - Cirrus Logic WM8994ECS/R Datasheet HTML 341Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 363 page
background image
WM8994
Rev 4.6
337
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6
GP6_LVL
0
GPIO6 level. Write to this bit to set a GPIO output. Read
from this bit to read GPIO input level.
For output functions only, when GP6_POL is set, the
register contains the opposite logic level to the external pin.
4:0
GP6_FN [4:0]
0_0001
GPIO6 Pin Function
00h = ADCLRCLK2
01h = GPIO
02h = SDOUT
03h = IRQ
04h = Temperature (Shutdown) status
05h = MICBIAS1 Current Detect
06h = MICBIAS1 Short Circuit Detect
07h = MICBIAS2 Current Detect
08h = MICBIAS2 Short Circuit Detect
09h = FLL1 Lock
0Ah = FLL2 Lock
0Bh = SRC1 Lock
0Ch = SRC2 Lock
0Dh = AIF1 DRC1 Signal Detect
0Eh = AIF1 DRC2 Signal Detect
0Fh = AIF2 DRC Signal Detect
10h = Write Sequencer Status
11h = FIFO Error
12h = OPCLK Clock output
13h = Temperature (Warning) status
14h = DC Servo Done
15h = FLL1 Clock output
16h = FLL2 Clock output
17h to 1Fh = Reserved
Register 0705h GPIO 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1798
(0706h)
GPIO 7
15
GP7_DIR
1
GPIO7 Pin Direction
0 = Output
1 = Input
14
GP7_PU
0
GPIO7 Pull-Up Enable
0 = Disabled
1 = Enabled
13
GP7_PD
1
GPIO7 Pull-Down Enable
0 = Disabled
1 = Enabled
10
GP7_POL
0
GPIO7 Polarity Select
0 = Non-inverted (Active High)
1 = Inverted (Active Low)
9
GP7_OP_CFG
0
GPIO7 Output Configuration
0 = CMOS
1 = Open Drain
8
GP7_DB
1
GPIO7 Input De-bounce
0 = Disabled
1 = Enabled
6
GP7_LVL
0
GPIO7 level. Write to this bit to set a GPIO output. Read
from this bit to read GPIO input level.
For output functions only, when GP7_POL is set, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com