Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 343 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 343 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 339Page - Cirrus Logic WM8994ECS/R Datasheet HTML 340Page - Cirrus Logic WM8994ECS/R Datasheet HTML 341Page - Cirrus Logic WM8994ECS/R Datasheet HTML 342Page - Cirrus Logic WM8994ECS/R Datasheet HTML 343Page - Cirrus Logic WM8994ECS/R Datasheet HTML 344Page - Cirrus Logic WM8994ECS/R Datasheet HTML 345Page - Cirrus Logic WM8994ECS/R Datasheet HTML 346Page - Cirrus Logic WM8994ECS/R Datasheet HTML 347Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 363 page
background image
WM8994
Rev 4.6
343
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0 = Disabled
1 = Enabled
2
DACLRCLK1_P
D
0
LRCLK1 Pull-down enable
0 = Disabled
1 = Enabled
1
BCLK1_PU
0
BCLK1 Pull-up enable
0 = Disabled
1 = Enabled
0
BCLK1_PD
0
BCLK1 Pull-down enable
0 = Disabled
1 = Enabled
Register 0720h Pull Control (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1825
(0721h) Pull
Control (2)
8
CSNADDR_PD
1
CS/ADDR Pull-down enable
0 = Disabled
1 = Enabled
6
LDO2ENA_PD
1
LDO2ENA Pull-down enable
0 = Disabled
1 = Enabled
4
LDO1ENA_PD
1
LDO1ENA Pull-down enable
0 = Disabled
1 = Enabled
2
CIFMODE_PD
1
CIFMODE Pull-down enable
0 = Disabled
1 = Enabled
1
SPKMODE_PU
1
SPKMODE Pull-up enable
0 = Disabled
1 = Enabled
Register 0721h Pull Control (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1840
(0730h)
Interrupt
Status 1
10
GP11_EINT
0
GPIO11 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
9
GP10_EINT
0
GPIO10 Interrupt
(Rising and falling edge triggered)
Note:
Cleared when a ‘1’ is written.
8
GP9_EINT
0
GPIO9 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
7
GP8_EINT
0
GPIO8 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
6
GP7_EINT
0
GPIO7 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
5
GP6_EINT
0
GPIO6 Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com