Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 52 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 48Page - STMicroelectronics SN260 Datasheet HTML 49Page - STMicroelectronics SN260 Datasheet HTML 50Page - STMicroelectronics SN260 Datasheet HTML 51Page - STMicroelectronics SN260 Datasheet HTML 52Page - STMicroelectronics SN260 Datasheet HTML 53Page - STMicroelectronics SN260 Datasheet HTML 54Page - STMicroelectronics SN260 Datasheet HTML 55Page - STMicroelectronics SN260 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
EmberZNet serial protocol
SN260
52/88
Table 42.
addEndpoint
Name: addEndpoint
ID: 0x02
Description:
Configures endpoint information on the SN260. The SN260 does not remember these settings after a reset.
Endpoints can be added by the Host after the SN260 has reset. After the stack status changes to
EMBER_NETWORK_UP, endpoints can no longer be added and this command will respond with
EZSP_CONFIG_INVALID_CALL.
Command parameters:
int8u endpoint
The application endpoint to be added.
int16u profileId
The endpoint's application profile.
int16u deviceId
The endpoint's device ID within the application profile.
int8u appFlags
The device version and flags indicating description availability.
int8u inputClusterCount
The number of input clusters.
int8u outputClusterCount
The number of output clusters.
int8u[] inputClusterList
Input cluster IDs the endpoint will accept.
int8u[] outputClusterList
Output cluster IDs the endpoint may send.
Response parameters:
EzspConfigStatus status
EZSP_CONFIG_SUCCESS if the endpoint was added,
EZSP_CONFIG_OUT_OF_MEMORY if there is not enough memory
available to add the endpoint, EZSP_CONFIG_INVALID_VALUE if the
endpoint already exists, EZSP_CONFIG_INVALID_CALL if endpoints can
no longer be added.
Table 43.
setPolicy
Name: setPolicy
ID: 0x55
Description: Allows the Host to change the policies used by the SN260 to make fast decisions.
Command parameters:
EzspPolicyId policyId
Identifies which policy to modify.
EzspDecisionId decisionId
The new decision for the specified policy.
Response parameters:
EzspConfigStatus status
EZSP_CONFIG_SUCCESS if the policy was changed,
EZSP_CONFIG_INVALID_ID if the SN260 does not recognize
policyId
.
Table 44.
getPolicy
Name: getPolicy
ID: 0x56
Description: Allows the Host to read the policies used by the SN260 to make fast decisions.
Command parameters:
EzspPolicyId policyId
Identifies which policy to read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com