Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 49 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 45Page - STMicroelectronics SN260 Datasheet HTML 46Page - STMicroelectronics SN260 Datasheet HTML 47Page - STMicroelectronics SN260 Datasheet HTML 48Page - STMicroelectronics SN260 Datasheet HTML 49Page - STMicroelectronics SN260 Datasheet HTML 50Page - STMicroelectronics SN260 Datasheet HTML 51Page - STMicroelectronics SN260 Datasheet HTML 52Page - STMicroelectronics SN260 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
SN260
EmberZNet serial protocol
49/88
Table 31.
EmberEventUnits
Structure
Field
Description
EMBER_EVENT_INACTIVE
0x00
Event is not scheduled to run.
EMBER_EVENT_MS_TIME
0x01
Execution time is in approximate milliseconds.
EMBER_EVENT_QS_TIME
0x02
Execution time is in 'binary' quarter seconds (256
approximate milliseconds each).
EMBER_EVENT_MINUTE_TIME
0x03
Execution time is in 'binary' minutes (65536 approximate
milliseconds each).
Table 32.
EmberNodeType
Structure
Field
Description
EMBER_COORDINATOR
0x01
Will relay messages and can act as a parent to other
nodes.
EMBER_ROUTER
0x02
Will relay messages and can act as a parent to other
nodes.
EMBER_END_DEVICE
0x03
Communicates only with its parent and will not relay
messages.
EMBER_SLEEPY_END_DEVICE
0x04
An end device whose radio can be turned off to save
power. The application must poll to receive messages.
EMBER_MOBILE_END_DEVICE
0x05
A sleepy end device that can move through the network.
Table 33.
EmberNetworkStatus
Structure
Field
Description
EMBER_NO_NETWORK
0x00
The node is not associated with a network in any way.
EMBER_JOINING_NETWORK
0x01
The node is currently attempting to join a network.
EMBER_JOINED_NETWORK
0x02
The node is joined to a network.
EMBER_JOINED_NETWORK_NO_PARENT
0x03
The node is an end device joined to a network but its
parent is not responding.
EMBER_LEAVING_NETWORK
0x04
The node is in the process of leaving its current network.
Table 34.
EmberIncomingMessageType
Structure
Field
Description
EMBER_INCOMING_DATAGRAM
0x00
Datagram.
EMBER_INCOMING_DATAGRAM_REPLY
0x01
Datagram reply.
EMBER_INCOMING_SEQUENCED
0x02
Sequenced message.
EMBER_INCOMING_MULTICAST
0x03
Multicast.
EMBER_INCOMING_SHARED_MULTICAST
0x04
Shared multicast.
EMBER_INCOMING_MULTICAST_LOOPBACK
0x05
Multicast loopback.
333EMBER_INCOMING_UNICAST
0x06
Unicast.
EMBER_INCOMING_BROADCAST
0x07
Broadcast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com