Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 83 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 79Page - STMicroelectronics SN260 Datasheet HTML 80Page - STMicroelectronics SN260 Datasheet HTML 81Page - STMicroelectronics SN260 Datasheet HTML 82Page - STMicroelectronics SN260 Datasheet HTML 83Page - STMicroelectronics SN260 Datasheet HTML 84Page - STMicroelectronics SN260 Datasheet HTML 85Page - STMicroelectronics SN260 Datasheet HTML 86Page - STMicroelectronics SN260 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
SN260
Typical application
83/88
Table 120.
Bill of materials
Item Quantity
Reference
Description
Manufacturer/Part No.
1
1
C2
Capacitor, 5pF, 50V, NPO, 0402
2
2
C1,C3
Capacitor, 0.5pF, 50V, NPO, 0402
3
4
C4,C5
Capacitor, 27pF, 50V, NPO, 0402
4
1
C6
Capacitor, 10µF, 10V, TANTALUM, 3216 (SIZE A)
5
1
C7
Capacitor, 10pF, 5V, NPO, 0402
6
1
L1
Inductor, 2.7nH, +/- 5%, 0603, multi-layer
MURATA
LQG18HN2N7
7
2
L2
Inductor, 3.3nH, +/- 5%, 0603, multi-layer
MURATA
LQG18HN3N3
8
1
R1
Resistor, 169 K
Ω, 1%, 0402
9
1
R2
Resistor, 100 K
Ω, 5% O402
10
1
R3
Resistor, 3.3 K
Ω, 5% 0402
11
1
R4
Resistor, 10 K
Ω, 5%, 0402
12
1
U1
SN260 single-chip Zigbee/802.15.4 solution
STMicroelectronics
SN260
13
1
X1
Crystal, 24.000MHz, +/- 10PPM tolerance, +/-
25PPM stability, 18pF, - 40°C to + 85°C
ILSI
ILCX08-JG5F18-24.000MHZ
14
1
BLN1
BALUN, ceramic
TDK
HHM1521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com