Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 73 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 69Page - STMicroelectronics SN260 Datasheet HTML 70Page - STMicroelectronics SN260 Datasheet HTML 71Page - STMicroelectronics SN260 Datasheet HTML 72Page - STMicroelectronics SN260 Datasheet HTML 73Page - STMicroelectronics SN260 Datasheet HTML 74Page - STMicroelectronics SN260 Datasheet HTML 75Page - STMicroelectronics SN260 Datasheet HTML 76Page - STMicroelectronics SN260 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
SN260
EmberZNet serial protocol
73/88
Response parameters:
EmberStatus status
An EmberStatus value. For any result other than EMBER_SUCCESS, the
message will not be sent.
EMBER_SUCCESS: The message has been submitted for transmission.
EMBER_CONNECTION_CLOSED: The connection associated with
bindingTableIndex is either closed or in the process of closing.
EMBER_INVALID_BINDING_INDEX: The bindingTableIndex refers to a
non-unicast binding.
EMBER_NETWORK_DOWN: The node is not part of a network.
EMBER_MESSAGE_TOO_LONG: The message is too large to fit in a
MAC layer frame.
EMBER_MAX_MESSAGE_LIMIT_REACHED: Either the
EMBER_TRANSPORT_PACKET_COUNT limit has been reached or the
transmit window is full (i.e. there are already 8 sequenced messages in
flight on the connection).
Table 110.
sendSequenced (continued)
Table 111.
closeConnection
Name: closeConnection
ID: 0x3E
Description:
Closes a connection. Any sequenced messages previously sent on the connection will be delivered before the
connection is closed. Similarly, all messages sent by the remote node before the connection close is initiated will be
received before the connection closes locally.
Command parameters:
int8u bindingTableIndex
The index of the binding table entry whose connection is to be closed.
Response parameters:
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
Table 112.
messageSent
Name: messageSent
ID: 0x3F
Description:
A callback indicating the stack has completed sending a datagram or sequenced message.
This frame is a response to the callback command.
Response parameters:
int8u bindingTableIndex
The index of the binding table entry to which the message was sent.
int8u clusterId
The cluster ID that was used.
int8u messageTag
The value supplied by the Host in the emberSendDatagram or
emberSendSequenced
command.
EmberStatus status
An EmberStatus value of EMBER_SUCCESS if an ACK was received
from the destination or EMBER_DELIVERY_FAILED if no ACK was
received.
int8u messageLength
The length of the messageContents parameter in bytes.
int8u[] messageContents
The unicast message supplied by the Host. The message contents are
only included here if the decision for the messageContentsInCallback
policy is messageTagAndContentsInCallback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com