Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 35Page - STMicroelectronics SN260 Datasheet HTML 36Page - STMicroelectronics SN260 Datasheet HTML 37Page - STMicroelectronics SN260 Datasheet HTML 38Page - STMicroelectronics SN260 Datasheet HTML 39Page - STMicroelectronics SN260 Datasheet HTML 40Page - STMicroelectronics SN260 Datasheet HTML 41Page - STMicroelectronics SN260 Datasheet HTML 42Page - STMicroelectronics SN260 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
SN260
EmberZNet serial protocol
39/88
Section 7.3.1: Type definitions defines all the types used by the SN260 and Section 7.3.2:
Structure definitions defines all the structures. Section 7.3.3: Named values enumerates all
the named values for the different types. The subsequent sections list all the frames
supported by the SN260, specifying the Frame ID, the command parameters and the
response parameters. The list is divided into five sections:
●
Section 7.3.4 lists Configuration frames.
●
Section 7.3.5 lists Utilities frames.
●
Section 7.3.6 lists Networking frames.
●
Section 7.3.7 lists Binding frames.
●
Section 7.3.8 lists Messaging frames.
Finally, section Section 7.3.9 provides an alphabetical list of all the frames.
Table 20.
Overflow status
overflow
Description
1
The SN260 ran out of memory since the previous response.
0
No memory shortage since the previous response.
Table 21.
Truncated status
truncated
Description
1
The SN260 truncated the current response to avoid exceeding the maximum
EZSP frame length.
0
The current response was not truncated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com