Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 35 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 31Page - STMicroelectronics SN260 Datasheet HTML 32Page - STMicroelectronics SN260 Datasheet HTML 33Page - STMicroelectronics SN260 Datasheet HTML 34Page - STMicroelectronics SN260 Datasheet HTML 35Page - STMicroelectronics SN260 Datasheet HTML 36Page - STMicroelectronics SN260 Datasheet HTML 37Page - STMicroelectronics SN260 Datasheet HTML 38Page - STMicroelectronics SN260 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
SN260
EmberZNet serial protocol
35/88
additional RAM required must be made available by reducing one of the other configuration
values.
Table 17.
Configuration values
Value
Min.
Def.
Max.
Units
RAM
Cost
Description
EZSP_CONFIG_PACKET_BUFFER_
COUNT
524
packet
buffers
40
The number of packet buffers available to the
stack.
EZSP_CONFIG_NEIGHBOR_TABLE_
SIZE
8
16
16
neighbors
18
The maximum number of router neighbors the
stack can keep track of. A neighbor is a node
within radio range.
EZSP_CONFIG_TRANSPORT_
PACKET_COUNT
0
10
messages
10
The maximum number of datagram and
sequenced messages the stack can have in
the process of being either transmitted or
received at any given time.
EZSP_CONFIG_BINDING_
TABLE_SIZE (A)
08
32 +
(B)
entries
3
The maximum number of bindings supported
by the stack. It includes the bindings in
EEPROM and in RAM.
EZSP_CONFIG_TEMPORARY_
BINDING_ENTRIES (B)
0
8
(A)
entries
12
The number of binding table entries in RAM.
EZSP_CONFIG_TRANSPORT_
CONNECTION_COUNT
00
entries
12
The number of binding table entries that can
concurrently support an open sequenced
connection.
EZSP_CONFIG_ROUTE_
TABLE_SIZE (C)
016
entries
6
The maximum number of destinations to which
a node can route messages. This include both
messages originating at this node and those
relayed for others.
EZSP_CONFIG_DISCOVERY_
TABLE_SIZE
08
entries
10
The number of simultaneous route discoveries
that a node will support.
EZSP_CONFIG_DISCOVERY_
CACHE_ENDPOINTS (D)
0
4
endpoints
0
End-device child endpoints larger than this
value will not have their discovery information
cached by their router parent.
EZSP_CONFIG_DISCOVERY_
CACHE_ENTRY_SIZE
11 +
(D)
15
15
bytes
0
The size of an entry in the end device
discovery cache on a router. Endpoint
descriptions longer than this will not be
cached.
EZSP_CONFIG_DISCOVERY_
CACHE_SIZE
035
35
entries
0
The number of entries in the discovery cache
on a router. Each end device child requires 1 +
(D) entries. The cache is held in EEPROM.
EZSP_CONFIG_STACK_PROFILE
0
0
0
Specifies the stack profile.
EZSP_CONFIG_SECURITY_LEVEL
05
5
0
The security level used for security at the MAC
and network layers. The supported values are
0 (no security) and 5 (payload is encrypted
and a four-byte MIC is used for authentication).
EZSP_CONFIG_MAX_HOPS
0
10
hops
0
The maximum number of hops for a message.
EZSP_CONFIG_MAX_END_DEVICE_
CHILDREN (E)
0
6
32
children
4
The maximum number of end device children
that a router will support.
EZSP_CONFIG_INDIRECT_
TRANSMISSION_TIMEOUT
0
3000
30000
milli-
seconds
0
The maximum amount of time that the MAC
will hold a message for indirect transmission to
a child.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com