Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 86 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 80Page - STMicroelectronics SN260 Datasheet HTML 81Page - STMicroelectronics SN260 Datasheet HTML 82Page - STMicroelectronics SN260 Datasheet HTML 83Page - STMicroelectronics SN260 Datasheet HTML 84Page - STMicroelectronics SN260 Datasheet HTML 85Page - STMicroelectronics SN260 Datasheet HTML 86Page - STMicroelectronics SN260 Datasheet HTML 87Page - STMicroelectronics SN260 Datasheet HTML 88Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
Abbreviations and acronyms
SN260
86/88
12
Abbreviations and acronyms
Table 121.
Abbreviations and acronyms
Acronym/abbreviation
Meaning
ACR
Adjacent Channel Rejection
AES
Advanced Encryption Standard
CBC-MAC
Cipher Block Chaining—Message Authentication Code
CCA
Clear Channel Assessment
CCM
Counter with CBC-MAC Mode for AES encryption
CCM*
Improved Counter with CBC-MAC Mode for AES encryption
CSMA
Carrier Sense Multiple Access
CTR
Counter Mode
EEPROM
Electrically Erasable Programmable Read Only Memory
ESD
Electro Static Discharge
ESR
Equivalent Series Resistance
FFD
Full Function Device (ZigBee)
FIA
Flash Information Area
GPIO
General Purpose I/O (pins)
HF
High Frequency (24MHz)
I2C
Inter-Integrated Circuit bus
IDE
Integrated Development Environment
IF
Intermediate Frequency
IP3
Third order Intermodulation Product
ISR
Interrupt Service Routine
kB
Kilobyte
kbps
kilobits/second
LF
Low Frequency
LNA
Low Noise Amplifier
LQI
Link Quality Indicator
MAC
Medium Access Control
MSL
Moisture Sensitivity Level
Msps
Mega samples per second
O-QPSK
Offset-Quadrature Phase Shift Keying
PA
Power Amplifier
PER
Packet Error Rate
PHY
Physical Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com