Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 48 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 44Page - STMicroelectronics SN260 Datasheet HTML 45Page - STMicroelectronics SN260 Datasheet HTML 46Page - STMicroelectronics SN260 Datasheet HTML 47Page - STMicroelectronics SN260 Datasheet HTML 48Page - STMicroelectronics SN260 Datasheet HTML 49Page - STMicroelectronics SN260 Datasheet HTML 50Page - STMicroelectronics SN260 Datasheet HTML 51Page - STMicroelectronics SN260 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
EmberZNet serial protocol
SN260
48/88
EMBER_SLEEP_INTERRUPTED
0x85
Sleeping (for a duration) has been abnormally
interrupted and exited prematurely.
EMBER_PHY_TX_UNDERFLOW
0x88
Transmit hardware buffer underflowed.
EMBER_PHY_TX_INCOMPLETE
0x89
Transmit hardware did not finish transmitting a packet.
EMBER_PHY_INVALID_CHANNEL
0x8A
An unsupported channel setting was specified.
EMBER_PHY_INVALID_POWER
0x8B
An unsupported power setting was specified.
EMBER_PHY_TX_BUSY
0x8C
Packet cannot be transmitted because the physical MAC
layer is currently transmitting a packet. (This is used for
the MAC backoff algorithm.)
EMBER_PHY_UNKNOWN_RADIO_TYPE
0x8D
The software installed on the hardware doesn't
recognize the hardware radio type.
EMBER_PHY_OSCILLATOR_CHECK_FAILED
0x8E
The software installed on the hardware doesn't
recognize the hardware radio type.
EMBER_PHY_PARTIAL_PACKET
0x8F
PHY did not receive the entire packet it was expecting
from the radio.
EMBER_NETWORK_UP
0x90
Stack software has completed initialization and is ready
to send and receive packets over the air.
EMBER_NETWORK_DOWN
0x91
Network is not operating.
EMBER_NETWORK_PENDING_ACTIVITY
0x92
Network has activity pending and should not be shut
down.
EMBER_NOT_JOINED
0x93
Node has not joined a network.
EMBER_JOIN_FAILED
0x94
An attempt to join a network failed.
EMBER_INVALID_SECURITY_LEVEL
0x95
The chosen security level (the value of
EMBER_SECURITY_LEVEL
) is not supported by the
stack.
EMBER_MOVE_FAILED
0x96
After moving, a mobile node's attempt to re-establish
contact with the network failed.
EMBER_NETWORK_BUSY
0xA1
A message cannot be sent because the network is
currently overloaded.
EMBER_NODEID_INVALID
0xA2
A datagram was sent to a node and the EUI64 address
in the datagram did not match the node's EUI64
address. The NodeId was invalid.
EMBER_INVALID_ENDPOINT
0xA3
The application tried to send a message using an
endpoint that it has not defined.
EMBER_BINDING_HAS_CHANGED
0xA4
The application tried to use a binding that has been
remotely modified and the change has not yet been
reported to the application.
EMBER_STACK_AND_HARDWARE_MISMATCH
0xB0
A critical and fatal error indicating that the version of the
stack trying to run does not match with the chip it is
running on. The software (stack) on the chip must be
replaced with software that is compatible with the chip.
Table 30.
EmberStatus (continued)
Structure
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com