Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 74 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 70Page - STMicroelectronics SN260 Datasheet HTML 71Page - STMicroelectronics SN260 Datasheet HTML 72Page - STMicroelectronics SN260 Datasheet HTML 73Page - STMicroelectronics SN260 Datasheet HTML 74Page - STMicroelectronics SN260 Datasheet HTML 75Page - STMicroelectronics SN260 Datasheet HTML 76Page - STMicroelectronics SN260 Datasheet HTML 77Page - STMicroelectronics SN260 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
EmberZNet serial protocol
SN260
74/88
Table 113.
cancelMessage
Name: cancelMessage
ID: 0x40
Description: Cancels an outgoing message.
Command parameters:
int8u messageTag
The value supplied by the Host in the emberSendDatagram or
emberSendSequenced
command.
Response parameters:
EmberStatus status
Always returns EMBER_SUCCESS.
Table 114.
createAggregationRoutes
Name: createAggregationRoutes
ID: 0x41
Description:
Sends a route request that creates routes from every node in the network back to this node. This function should be
called by the application if it wishes to aggregate data from many nodes. The data sources will not have to discover
routes individually. Additionally, incoming data will set up temporary reverse routes that allow acknowledgement
messages to return without a route discovery. The temporary routes expire and become reusable after a single use,
or 10-20 seconds.
Command parameters: None
Response parameters:
EmberStatus status
EMBER_SUCCESS if the route request was successfully submitted to the
transmit queue, and EMBER_ERR_FATAL otherwise.
Table 115.
pollForData
Name: pollForData
ID: 0x42
Description: Periodically request any pending data from our parent. Setting interval to 0 or units to
EMBER_EVENT_INACTIVE will generate a single poll.
Command parameters:
int16u interval
The time between polls. Note that the timer clock is free running and is not
synchronized with this command. This means that the time will be between
interval
and (interval - 1). The maximum interval is 32767.
EmberEventUnits units
The units for interval.
int8u failureLimit
The number of poll failures that will be tolerated before a
pollCompleteHandler
callback is generated. A value of zero will result
in a callback for every poll. Any status value apart from
EMBER_SUCCESS and EMBER_MAC_NO_DATA is counted as a failure.
Response parameters:
EmberStatus status
The result of sending the first poll.
Table 116.
pollCompleteHandler
Name: pollCompleteHandler
ID: 0x43
Description: Indicates the result of a data poll to the parent of the local node.
This frame is a response to the callback command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com