Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 32Page - STMicroelectronics SN260 Datasheet HTML 33Page - STMicroelectronics SN260 Datasheet HTML 34Page - STMicroelectronics SN260 Datasheet HTML 35Page - STMicroelectronics SN260 Datasheet HTML 36Page - STMicroelectronics SN260 Datasheet HTML 37Page - STMicroelectronics SN260 Datasheet HTML 38Page - STMicroelectronics SN260 Datasheet HTML 39Page - STMicroelectronics SN260 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
EmberZNet serial protocol
SN260
36/88
7.2.2
Policy settings
There are some situations when the SN260 must make a decision but there isn’t enough
time to consult with the Host. The Host can control what decision is made by setting the
policy in advance. The SN260 will then make decisions according to the current policy. The
Host is informed via callbacks each time a decision is made, but by the time the news
reaches the Host, it is too late to change that decision. You can change the policies at any
time by using the setPolicy command.
A policy is used for trust center behavior, external binding modification requests, datagram
replies, generating pollHandler callbacks, and the contents of the unicastSent and
messageSent
callbacks.
7.2.3
Datagram replies
The policy for datagram replies allows the Host to decide whether it wants to supply the
SN260 with a reply payload for every datagram received. If the Host sets the policy to not
supply a reply, the SN260 will automatically send an empty reply (containing no payload) for
every datagram received. If the Host sets the policy to supply the reply, then the SN260 will
only send a reply when instructed by the Host.
If the reply does not reach the sender before the transport retry timeout expires, the sender
will transmit the datagram again. The Host must process the incoming message and supply
the reply quickly enough to avoid retransmission by the sender. Provided this timing
constraint is met, multiple datagrams can be received before the first reply is supplied and
the replies can be supplied in any order.
7.2.4
Callbacks
Asynchronous callbacks from the SN260 are sent to the Host as the response to a
callback
command. The SN260 uses the interrupt line to indicate that the Host should
send a callback command. The SN260 will queue multiple callbacks while it waits for the
Host, and each response only delivers one callback. If the SN260 receives the callback
command when there are no pending callbacks, it will reply with the noCallbacks
response.
EZSP_CONFIG_RESERVED_
ROUTING_ENTRIES
00
(C)
entries
0
The number of route table entries that are
reserved for temporary aggregation routes in
the mesh stack.
EZSP_CONFIG_MOBILE_NODE_
POLL_TIMEOUT
020
quarter
seconds
0
The maximum amount of time that a mobile
node can wait between polls. If no poll is heard
within this timeout, then the parent removes
the mobile node from its tables.
EZSP_CONFIG_RESERVED_
MOBILE_CHILD_ENTRIES
00
(E)
entries
0
The number of child table entries reserved for
use only by mobile nodes.
EZSP_CONFIG_HOST_RAM
0
0
255
bytes
1
The amount of RAM available for use by the
Host.
EZSP_CONFIG_TX_POWER_MODE
00
3
0
Enables boost power mode and/or the
alternate transmitter output.
Table 17.
Configuration values (continued)
Value
Min.
Def.
Max.
Units
RAM
Cost
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com