Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 44 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 40Page - STMicroelectronics SN260 Datasheet HTML 41Page - STMicroelectronics SN260 Datasheet HTML 42Page - STMicroelectronics SN260 Datasheet HTML 43Page - STMicroelectronics SN260 Datasheet HTML 44Page - STMicroelectronics SN260 Datasheet HTML 45Page - STMicroelectronics SN260 Datasheet HTML 46Page - STMicroelectronics SN260 Datasheet HTML 47Page - STMicroelectronics SN260 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
EmberZNet serial protocol
SN260
44/88
EZSP_POLL_HANDLER_POLICY
0x03
Controls whether pollHandler callbacks are
generated.
EZSP_MESSAGE_CONTENTS_IN_CALLBACK
_POLICY
0x04
Controls whether the message contents are included in
unicastSent
and messageSent callbacks.
Table 28.
EzspPolicyId (continued)
Structure
Field
Description
Table 29.
EzspDecisionId
Structure
Field
Description
EZSP_ALLOW_SECURE_JOINS_ONLY
0x00
EZSP_TRUST_CENTER_POLICY default decision.
Only allow nodes that are joining securely using the
network key to join.
EZSP_ALLOW_ALL_JOINS
0x01
EZSP_TRUST_CENTER_POLICY decision. Allow all
nodes to join, sending the key to nodes that are not
joining securely.
EZSP_DISALLOW_ALL_JOINS
0x02
EZSP_TRUST_CENTER_POLICY decision. Reject all
join attempts.
EZSP_ASK_TRUST_CENTER
0x03
EZSP_TRUST_CENTER_POLICY decision. Forward
the request to the trust center (this value should not be
used for the trust center itself).
EZSP_DISALLOW_BINDING_MODIFICATIO
N
0x10
EZSP_BINDING_MODIFICATION_POLICY default
decision. Do not allow the local binding table to be
changed by remote nodes.
EZSP_ALLOW_BINDING_MODIFICATION
0x11
EZSP_BINDING_MODIFICATION_POLICY decision.
Allow remote nodes to change the local binding table.
EZSP_HOST_WILL_NOT_SUPPLY_REPLY
0x20
EZSP_DATAGRAM_REPLIES_POLICY default decision.
The SN260 will automatically send an empty reply
(containing no payload) for every datagram received.
EZSP_HOST_WILL_SUPPLY_REPLY
0x21
EZSP_DATAGRAM_REPLIES_POLICY decision. The
SN260 will only send a reply if it receives a sendReply
command from the Host.
EZSP_POLL_HANDLER_IGNORE
0x30
EZSP_POLL_HANDLER_POLICY default decision. Do
not inform the Host when a child polls.
EZSP_POLL_HANDLER_CALLBACK
0x31
EZSP_POLL_HANDLER_POLICY decision. Generate a
pollHandler
callback when a child polls.
EZSP_MESSAGE_TAG_ONLY_IN_CALLBACK
0x40
EZSP_MESSAGE_CONTENTS_IN_CALLBACK_POLICY
default decision. Include only the message tag in
unicastSent
and messageSent callbacks.
EZSP_MESSAGE_TAG_AND_CONTENTS_IN_
CALLBACK
0x41
EZSP_MESSAGE_CONTENTS_IN_CALLBACK_POLICY
decision. Include both the message tag and the
message contents in unicastSent and messageSent
callbacks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com