Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 37 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 33Page - STMicroelectronics SN260 Datasheet HTML 34Page - STMicroelectronics SN260 Datasheet HTML 35Page - STMicroelectronics SN260 Datasheet HTML 36Page - STMicroelectronics SN260 Datasheet HTML 37Page - STMicroelectronics SN260 Datasheet HTML 38Page - STMicroelectronics SN260 Datasheet HTML 39Page - STMicroelectronics SN260 Datasheet HTML 40Page - STMicroelectronics SN260 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
SN260
EmberZNet serial protocol
37/88
7.2.5
Power management
The SN260 will always idle its processor whenever possible. To further reduce power
consumption, the SN260 can be put to sleep by the Host. In power down mode, only an
external interrupt will wake the SN260. In deep sleep mode, the SN260 will use its internal
timer to wake up for scheduled events. The SN260 provides two independent timers that the
Host can use for any purpose, including waking up the SN260 from deep sleep mode.
Timers are set using the setTimer command and generate timerHandler callbacks.
The initial frame control byte of every command tells the SN260 which sleep mode to enter
after it has responded to the command. Including this information in every command
(instead of having a separate power management command) allows the SN260 to be put to
sleep faster. If the Host needs to put the SN260 to sleep without also performing another
action, the nop command can be used.
In deep sleep mode, the SN260 will wake up for an internal event. If the event does not
produce a callback for the Host, the SN260 will go back to sleep once the event has been
handled. If the event does produce a callback, the SN260 will signal the Host and remain
awake waiting for the callback command. If the frame control byte of the callback
command specifies deep sleep mode, then the SN260 would normally go back to sleep after
responding with the callback. However, if there is a second callback pending, the SN260 will
remain awake waiting for another callback command.
To avoid disrupting the operation of the network, only put the SN260 to sleep when it is not
joined to a network or when it is joined as a sleeping end device. If the SN260 is joined as a
sleeping end device, then it must poll its parent in order to receive messages. The Host
controls the polling behavior using the pollForData command. Polls are sent periodically
with the interval set by the Host or a single poll can be sent. The result of every poll attempt
is optionally reported using the pollCompleteHandler callback.
7.2.6
Tokens
Some of the non-volatile storage on the SN260 is made available for use by the Host. Up to
8 manufacturing tokens stored in the flash information area can be read using the
getMfgToken
command and up to 8 tokens stored in the simulated EEPROM can be read
and written using the setToken and getToken commands. Each token is 8 bytes. Tokens
preserve their values between reboots. Refer to section Simulated EEPROM for a
description of the simulated EEPROM and write cycle estimates.
7.2.7
RAM
Some of the RAM on the SN260 can be reserved by the Host for its own use. The amount of
space reserved is the EZSP_CONFIG_HOST_RAM configuration value (set using the
setConfigurationValue
command). The Host can then read and write data using the
setRam
and getRam commands. If the Host chooses to reserve RAM, this will reduce the
number of messages and callbacks that the SN260 can buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com