Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 70 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 66Page - STMicroelectronics SN260 Datasheet HTML 67Page - STMicroelectronics SN260 Datasheet HTML 68Page - STMicroelectronics SN260 Datasheet HTML 69Page - STMicroelectronics SN260 Datasheet HTML 70Page - STMicroelectronics SN260 Datasheet HTML 71Page - STMicroelectronics SN260 Datasheet HTML 72Page - STMicroelectronics SN260 Datasheet HTML 73Page - STMicroelectronics SN260 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
EmberZNet serial protocol
SN260
70/88
Response parameters:
EmberStatus status
An EmberStatus value. For any result other than EMBER_SUCCESS, the
message will not be sent.
EMBER_SUCCESS: The message has been submitted for transmission.
EMBER_INVALID_BINDING_INDEX: The bindingTableIndex refers to a
non-unicast binding. EMBER_NETWORK_DOWN: The node is not part of
a network.
EMBER_MESSAGE_TOO_LONG: The message is too large to fit in a
MAC layer frame.
EMBER_MAX_MESSAGE_LIMIT_REACHED: The
EMBER_TRANSPORT_PACKET_COUNT limit has been reached.
Table 104.
sendDatagram (continued)
Table 105.
sendMulticast
Name: sendMulticast
ID: 0x38
Description:
Sends a multicast message to all endpoints that share a specific multicast ID and are within a specified number of
hops of the sender.
Command parameters:
int8u bindingTableIndex
The index of the binding table entry specifying the multicast group.
int8u clusterId
The cluster ID to use.
int8u messageTag
Reserved for future use. This value is ignored by the SN260.
int8u hops
The message will be delivered to all nodes within this number of hops of
the sender. A value of zero is converted to EMBER_MAX_HOPS.
int8u messageLength
The length of the messageContents parameter in bytes.
int8u[] messageContents
The multicast message.
Response parameters:
EmberStatus status
An EmberStatus value. For any result other than EMBER_SUCCESS, the
message will not be sent.
EMBER_SUCCESS: The message has been submitted for transmission.
EMBER_INVALID_BINDING_INDEX: The bindingTableIndex refers to a
non-multicast binding.
EMBER_NETWORK_DOWN: The node is not part of a network.
EMBER_MESSAGE_TOO_LONG: The message is too large to fit in a
MAC layer frame.
EMBER_NO_BUFFERS: The free packet buffer pool is empty.
EMBER_NETWORK_BUSY: Insufficient resources available in Network or
MAC layers to send message.
Table 106.
sendReply
Name: sendReply
ID: 0x39
Description: Sends a reply to a received datagram message. The incomingMessageHandler callback for the
datagram being replied to supplies the values for all the parameters except the reply itself.
Command parameters:
EmberNodeId sender
Value supplied by incoming datagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com