Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 38 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 34Page - STMicroelectronics SN260 Datasheet HTML 35Page - STMicroelectronics SN260 Datasheet HTML 36Page - STMicroelectronics SN260 Datasheet HTML 37Page - STMicroelectronics SN260 Datasheet HTML 38Page - STMicroelectronics SN260 Datasheet HTML 39Page - STMicroelectronics SN260 Datasheet HTML 40Page - STMicroelectronics SN260 Datasheet HTML 41Page - STMicroelectronics SN260 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
EmberZNet serial protocol
SN260
38/88
7.2.8
SN260 status
The frame control byte of every response sent by the SN260 contains two status bits:
The overflow bit is set if the SN260 ran out of memory at any time since the previous
response was sent. If this bit is set, then messages may have been lost.
The truncated bit is set if the SN260 truncated the current response. If this bit is set, the
command from the Host produced a response larger than the maximum EZSP frame
length.
You can use the nop command to check the status of the SN260 without also performing
another action.
7.2.9
Random number generator
The Host can obtain a random number from the SN260 using the getRandomNumber
command. The random number is generated from analog noise in the radio and can be
used to seed a random number generator on the Host.
7.3
Protocol format
All EZSP frames begin with a frame control byte. Table 18 describes the meaning of this
byte for command and response frames. Table 19 describes the sleep modes, Table 20
describes the overflow status bit and Table 21 describes the truncated status bit. The
second byte of all EZSP frames is the frame ID byte.
Table 18.
Frame control byte
Bit
Command
Response
7 (MSB)
0
1
6
0 (reserved)
0 (reserved)
5
0 (reserved)
0 (reserved)
4
0 (reserved)
0 (reserved)
3
0 (reserved)
0 (reserved)
2
0 (reserved)
0 (reserved)
1
sleepMode[1]
truncated
0 (LSB)
sleepMode[0]
overflow
Table 19.
Sleep modes
sleepMode[1]
sleepMode[0]
Description
1
1
Reserved.
10
Power down.
0
1
Deep sleep.
00
Idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com