Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 43 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 39Page - STMicroelectronics SN260 Datasheet HTML 40Page - STMicroelectronics SN260 Datasheet HTML 41Page - STMicroelectronics SN260 Datasheet HTML 42Page - STMicroelectronics SN260 Datasheet HTML 43Page - STMicroelectronics SN260 Datasheet HTML 44Page - STMicroelectronics SN260 Datasheet HTML 45Page - STMicroelectronics SN260 Datasheet HTML 46Page - STMicroelectronics SN260 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
SN260
EmberZNet serial protocol
43/88
EZSP_CONFIG_INDIRECT_TRANSMISSION
TIMEOUT
0x12
The maximum amount of time that the MAC will hold a
message for indirect transmission to a child.
EZSP_CONFIG_RESERVED_ROUTING_
ENTRIES
0x13
The number of route table entries that are reserved for
temporary aggregation routes in the mesh stack.
EZSP_CONFIG_MOBILE_NODE_POLL_
TIMEOUT
0x14
The maximum amount of time that a mobile node can
wait between polls. If no poll is heard within this timeout,
then the parent removes the mobile node from its tables.
EZSP_CONFIG_RESERVED_MOBILE_CHILD
ENTRIES
0x15
The number of child table entries reserved for use only
by mobile nodes.
EZSP_CONFIG_HOST_RAM
0x16
The amount of RAM available for use by the Host.
EZSP_CONFIG_TX_POWER_MODE
0x17
Enables boost power mode and/or the alternate
transmitter output.
Table 25.
EzspConfigId (continued)
Structure
Field
Description
Table 26.
EzspConfigTxPowerMode
Structure
Field
Description
EMBER_TX_POWER_MODE_DEFAULT
0x00
Normal power mode and bi-directional RF transmitter
output.
EMBER_TX_POWER_MODE_BOOST
0x01
Enable boost power mode. This is a high performance
radio mode which offers increased receive sensitivity
and transmit power at the cost of an increase in power
consumption.
EMBER_TX_POWER_MODE_ALTERNATE
0x02
Enable the alternate transmitter output. This allows for
simplified connection to an external power amplifier via
the RF_TX_ALT_P and RF_TX_ALT_N pins.
EMBER_TX_POWER_MODE_BOOST_AND_
ALTERNATE
0x03
Enable both boost mode and the alternate transmitter
output.
Table 27.
EzspConfigStatus
Structure
Field
Description
EZSP_CONFIG_SUCCESS
0x00
The command was successful.
EZSP_CONFIG_OUT_OF_MEMORY
0x01
Insufficient memory was available.
EZSP_CONFIG_INVALID_VALUE
0x02
The value was out of bounds.
EZSP_CONFIG_INVALID_TAG
0x03
The configuration tag was not recognized.
EZSP_CONFIG_INVALID_CALL
0x04
Configuration values can no longer be modified.
Table 28.
EzspPolicyId
Structure
Field
Description
EZSP_TRUST_CENTER_POLICY
0x00
Controls trust center behavior.
EZSP_BINDING_MODIFICATION_POLICY
0x01
Controls how external binding modification requests are
handled.
EZSP_DATAGRAM_REPLIES_POLICY
0x02
Controls whether the Host supplies datagram replies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com