Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 42Page - STMicroelectronics SN260 Datasheet HTML 43Page - STMicroelectronics SN260 Datasheet HTML 44Page - STMicroelectronics SN260 Datasheet HTML 45Page - STMicroelectronics SN260 Datasheet HTML 46Page - STMicroelectronics SN260 Datasheet HTML 47Page - STMicroelectronics SN260 Datasheet HTML 48Page - STMicroelectronics SN260 Datasheet HTML 49Page - STMicroelectronics SN260 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
EmberZNet serial protocol
SN260
46/88
EMBER_SIM_EEPROM_ERASE_PAGE_GREEN
0x43
Simulated EEPROM is telling the application that there is
at least one flash page to be erased. GREEN status
means the current page has not filled above the
ERASE_CRITICAL_THRESHOLD
. The application should
call the function halSimEepromErasePage() when it
can to erase a page.
EMBER_SIM_EEPROM_ERASE_PAGE_RED
0x44
Simulated EEPROM is telling the application that there is
at least one flash page to be erased. RED status means
the current page has filled above the
ERASE_CRITICAL_THRESHOLD
. Due to the shrinking
availability of write space, there is a danger of data loss.
The application must call the function
halSimEepromErasePage()
as soon as possible to
erase a page.
EMBER_SIM_EEPROM_FULL
0x45
Simulated EEPROM has run out of room to write any
new data and the data trying to be set has been lost.
This error code is the result of ignoring the
SIM_EEPROM_ERASE_PAGE_RED
error code. The
application must call the function
halSimEepromErasePage()
to make room for any
further calls to set a token.
EMBER_SIM_EEPROM_FLASH_WRITE_
FAILED
0x46
A fatal error has occurred while trying to write data to the
Flash and the write verification has failed. The data in
the flash cannot be trusted after this error, and it is
possible this error is the result of exceeding the life
cycles of the flash.
EMBER_SIM_EEPROM_INIT_1_FAILED
0x47
Attempt 1 to initialize the simulated EEPROM has failed.
This failure means the information already stored in
Flash (or a lack thereof), is fatally incompatible with the
token information compiled into the code image being
run.
EMBER_SIM_EEPROM_INIT_2_FAILED
0x48
Attempt 2 to initialize the simulated EEPROM has failed.
This failure means Attempt 1 failed, and the token
system failed to properly reload default tokens and reset
the simulated EEPROM.
EMBER_SIM_EEPROM_INIT_3_FAILED
0x49
Attempt 3 to initialize the simulated EEPROM has failed.
This failure means one or both of the tokens
TOKEN_MFG_NVDATA_VERSION
or
TOKEN_STACK_NVDATA_VERSION
were incorrect and
the token system failed to properly reload default tokens
and reset the simulated EEPROM.
EMBER_ERR_TOKEN_UNKNOWN
0x4B
An unknown flash token was specified.
EMBER_ERR_TOKEN_EXISTS
0x4C
Could not create new flash token because it already
exists.
EMBER_ERR_TOKEN_INVALID_SIZE
0x4D
An incorrect size was specified when retrieving token
data.
EMBER_ERR_TOKEN_READ_ONLY
0x4E
Couldn't write token because it is marked read-only.
EMBER_ERR_BOOTLOADER_TRAP_
TABLE_BAD
0x58
Bootloader received an invalid message (failed attempt
to go into bootloader).
Table 30.
EmberStatus (continued)
Structure
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com