Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 1 Page - STMicroelectronics

  SN260 Datasheet HTML 1Page - STMicroelectronics SN260 Datasheet HTML 2Page - STMicroelectronics SN260 Datasheet HTML 3Page - STMicroelectronics SN260 Datasheet HTML 4Page - STMicroelectronics SN260 Datasheet HTML 5Page - STMicroelectronics SN260 Datasheet HTML 6Page - STMicroelectronics SN260 Datasheet HTML 7Page - STMicroelectronics SN260 Datasheet HTML 8Page - STMicroelectronics SN260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
December 2007
Rev 2
1/88
1
SN260
ZigBee® 802.15.4 network processor
Features
Integrated 2.4GHz, IEEE 802.15.4-compliant
transceiver:
– Robust RX filtering allows co-existence
with IEEE 802.11g and Bluetooth devices
– - 97.5dBm RX sensitivity (1% PER, 20byte
packet)
– + 3dBm nominal output power
– Increased radio performance mode (boost
mode) gives –98.5dBm sensitivity and
+5dBm transmit power
– Integrated VCO and loop filter
– Secondary TX-only RF port for applications
requiring external PA.
Integrated IEEE 802.15.4 PHY and MAC
Dedicated peripherals and integrated memory
EmberZNet™ ZigBee®-compliant stack
running on the dedicated network processor
Controlled by the Host using the EmberZNet™
Serial Protocol (EZSP)
– Standard serial interface (allows for
connection to a variety of Host micro
controllers)
Non-intrusive debug interface (SIF)
Integrated hardware and software support for
InSight Development Environment
Provides integrated RC oscillator for low power
operation
Three sleep modes:
– Processor idle (automatic)
– Deep sleep—1.0µA
– Power down—1.0µA
Watchdog timer and power-on-reset circuitry
Integrated AES encryption accelerator
Integrated 1.8V voltage regulator
Compatible with Ember EM250
Always
powered
PacketTrace
ADC
RF_P,N
Integrated Flash and RAM
SIF_MISO
HF OSC
SIF
Internal
RC-OSC
IO Controller
Chip
manager
Regulator
Bias
Interrupt
Controller
RF_TX_ALT_P,N
OSCA
OSCB
SIF_MOSI
SIF_CLK
nSIF_LOAD
Encryption acclerator
IF
Network
Processor
(XAP2b)
VREG_OUT
Watchdog
PA select
LNA
PA
PA
DAC
MAC
+
Baseband
TX_ACTIVE
Sleep
timer
BIAS_R
POR
Network Processor
Peripherals
Serial
Controller
SYNTH
nRESET
www.st.com


Similar Part No. - SN260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SN260-2SK STMICROELECTRONICS-SN260-2SK Datasheet
82Kb / 6P
Low-cost REva starter kits for incorporation of ZigBee® connectivity in microcontroller applications
14-Jan-2008
SN260-2SK/RAIS STMICROELECTRONICS-SN260-2SK/RAIS Datasheet
82Kb / 6P
Low-cost REva starter kits for incorporation of ZigBee® connectivity in microcontroller applications
14-Jan-2008
SN260-2SKRAIS STMICROELECTRONICS-SN260-2SKRAIS Datasheet
82Kb / 6P
Low-cost REva starter kits for incorporation of ZigBee® connectivity in microcontroller applications
14-Jan-2008
More results

Similar Description - SN260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
STMicroelectronics
SN250 STMICROELECTRONICS-SN250 Datasheet
1Mb / 130P
Single-chip ZigBee/802.15.4 solution
20-Sep-2006
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Silicon image
EM260-RTR SILICONIMAGE-EM260-RTR Datasheet
473Kb / 50P
ZigBee/802.15.4 Network Processor
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
Silicon Laboratories
ETRX358X SILABS-ETRX358X Datasheet
2Mb / 40P
ETRX358x ZIGBEE® MODULES
WF200 SILABS-WF200 Datasheet
885Kb / 38P
Wi-Fi® Network Co-Processor
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com