Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 2Page - STMicroelectronics SN260 Datasheet HTML 3Page - STMicroelectronics SN260 Datasheet HTML 4Page - STMicroelectronics SN260 Datasheet HTML 5Page - STMicroelectronics SN260 Datasheet HTML 6Page - STMicroelectronics SN260 Datasheet HTML 7Page - STMicroelectronics SN260 Datasheet HTML 8Page - STMicroelectronics SN260 Datasheet HTML 9Page - STMicroelectronics SN260 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
Pin assignment
SN260
6/88
2
Pin assignment
Figure 1.
SN260 pin assignment
V DD_ VCO
RF _ P
V DD_ RF
RF _ N
RF _ T X_ A L T _ P
R F _ T X_ AL T_ N
VD D _ IF
BIAS _ R
V D D _ PAD SA
TX _A C T IV E
nS IF _L O A D
SIF _ M O SI
SIF _ M IS O
SIF _ CL K
nH O S T_IN T
RE S
VDD_ P A D S
PT I_ DA T A
PT I_ E N
n SSEL
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
21
22
23
24
25
26
27
28
29
30
40
39
38
37
36
35
34
33
32
31
41
GN D
EM 2 6 0
SN260
Table 1.
Pin descriptions
Pin #
Signal
Direction
Description
1
VDD_VCO
Power
1.8V VCO supply
2
RF_P
I/O
Differential (with RF_N) receiver input/transmitter output
3
RF_N
I/O
Differential (with RF_P) receiver input/transmitter output
4
VDD_RF
Power
1.8V RF supply (LNA and PA)
5
RF_TX_ALT_P
O
Differential (with RF_TX_ALT_N) transmitter output (optional)
6
RF_TX_ALT_N
O
Differential (with RF_TX_ALT_P) transmitter output (optional)
7
VDD_IF
Power
1.8V IF supply (mixers and filters)
8
BIAS_R
I
Bias setting resistor
9
VDD_PADSA
Power
Analog pad supply (1.8V)
10
TX_ACTIVE
O
Logic-level control for external RX/TX switch
The SN260 baseband controls TX_ACTIVE and drives it high (1.8V)
when in TX mode. (Refer to Table 6 and section TX_ACTIVE signal.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com