Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 8Page - STMicroelectronics SN260 Datasheet HTML 9Page - STMicroelectronics SN260 Datasheet HTML 10Page - STMicroelectronics SN260 Datasheet HTML 11Page - STMicroelectronics SN260 Datasheet HTML 12Page - STMicroelectronics SN260 Datasheet HTML 13Page - STMicroelectronics SN260 Datasheet HTML 14Page - STMicroelectronics SN260 Datasheet HTML 15Page - STMicroelectronics SN260 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
Electrical characteristics
SN260
12/88
4.5
Digital I/O specifications
Table 6 contains the digital I/O specifications for the SN260. The digital I/O power (named
VDD_PADS) comes from three dedicated pins (pins 13, 19, and 24). The voltage applied to
these pins sets the I/O voltage.
Table 6.
Digital I/O specifications
Parameter
Name
Min.
Typ.
Max.
Unit
Voltage supply
VDD_PADS
2.1
3.6
V
Input voltage for logic 0
VIL
0
0.2 x VDD_PADS
V
Input voltage for logic 1
VIH
0.8 x VDD_PADS
VDD_PADS
V
Input current for logic 0
IIL
-0.5
A
Input current for logic 1
IIH
0.5
A
Input pull-up resistor value
RIPU
30
k
Ω
Input pull-down resistor value
RIPD
30
k
Ω
Output voltage for logic 0
VOL
0
0.18 x VDD_PADS
V
Output voltage for logic 1
VOH
0.82 x VDD_PADS
VDD_PADS
V
Output source current (standard current
pad)
IOHS
4mA
Output sink current (standard current
pad)
IOLS
4mA
Output source current (high current pad:
pins 33, 34, and 35)
IOHH
8mA
Output sink current (high current pad:
pins 33, 34, and 35)
IOLH
8mA
Total output current (for I/O pads)
IOH + IOL
40
mA
Input voltage threshold for OSCA
0.2 x VDD_CORE
0.8 x VDD_PADS
V
Output voltage level (TX_ACTIVE)
0.18 x VDD_CORE
0.82 x VDD_CORE
V
Output source current (TX_ACTIVE)
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com