Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 25Page - STMicroelectronics SN260 Datasheet HTML 26Page - STMicroelectronics SN260 Datasheet HTML 27Page - STMicroelectronics SN260 Datasheet HTML 28Page - STMicroelectronics SN260 Datasheet HTML 29Page - STMicroelectronics SN260 Datasheet HTML 30Page - STMicroelectronics SN260 Datasheet HTML 31Page - STMicroelectronics SN260 Datasheet HTML 32Page - STMicroelectronics SN260 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
SN260
SPI protocol
29/88
6.6
Powering on, power cycling, and rebooting
When the Host powers on (or reboots), it cannot guarantee that the SN260 is awake and
ready to receive commands. Therefore, the Host should always perform the Wake SN260
handshake to guarantee that the SN260 is awake. If the SN260 resets, it needs to inform the
Host so that the Host can reconfigure the stack if needed.
When the SN260 resets, it will assert the nHOST_INT signal, telling the Host that it has
data. The Host should request data from the SN260 as usual. The SN260 will ignore
whatever command is sent to it and respond only with two bytes. The first byte will always be
0x00
and the second byte will be the reset type as defined by EmberResetType. This
specialty SPI Byte is never used in another Response SPI Byte. If the Host sees 0x00 from
the SN260, it knows that the SN260 has been reset. The SN260 will de-assert the
nHOST_INT signal shortly after receiving a byte on the SPI and process all further
commands in the usual manner. In addition to the Host having control of the reset line of the
SN260, the EmberZNet Serial Protocol also provides a mechanism for a software reboot.
6.6.1
Unexpected resets
The SN260 is designed to protect itself against undefined behavior due to unexpected
resets. The protection is based on the state of Slave Select since the inter-command
spacing mandates that Slave Select must return to idle. The SN260’s internal SPI Protocol
uses Slave Select returning to idle as a trigger to re-initialize its SPI Protocol. By always re-
initializing, the SN260 is protected against the Host unexpectedly resetting or terminating a
transaction. Additionally, if Slave Select is active when the SN260 powers on, the SN260 will
ignore SPI data until Slave Select returns to idle. By ignoring SPI traffic until idle, the SN260
will not begin receiving in the middle of a transaction.
If the Host resets, in most cases it should reset the SN260 as well so that both devices are
once again in the same state: freshly booted. Alternately, the Host can attempt to recover
from the reset by recovering its previous state and resynchronizing with the state of the
SN260.
If the SN260 resets during a transaction, the Host can expect either a Wait Section timeout
or a missing Frame Terminator indicating an invalid Response.
If the SN260 resets outside of a transaction, the Host should proceed normally.
6.7
Transaction examples
This section contains the following transaction examples:
SPI protocol version
EmberZNet serial protocol frame — NOP command
SN260 reset
Three-part transaction: Wake, Get Version, Stack Status Callback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com