Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 20Page - STMicroelectronics SN260 Datasheet HTML 21Page - STMicroelectronics SN260 Datasheet HTML 22Page - STMicroelectronics SN260 Datasheet HTML 23Page - STMicroelectronics SN260 Datasheet HTML 24Page - STMicroelectronics SN260 Datasheet HTML 25Page - STMicroelectronics SN260 Datasheet HTML 26Page - STMicroelectronics SN260 Datasheet HTML 27Page - STMicroelectronics SN260 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
SPI protocol
SN260
24/88
backup of data in the SN260. The SN260 will de-assert the nHOST_INT signal after
receiving a byte on the SPI. Due to inherent latency in the SN260, the timing of when the
nHOST_INT signal returns to idle can vary between transactions. nHOST_INT will always
return to idle for a minimum of 10µs before asserting again. If the SN260 has more output
available after the transaction has completed, the nHOST_INT signal will assert again after
Slave Select is de-asserted and the Host must make another request.
6.2.5
Spacing
To ensure that the SN260 is always able to deal with incoming commands, a minimum inter-
command spacing is defined at 1ms. After every transaction, the Host must hold the Slave
Select high for a minimum of 1ms. The Host must respect the inter-command spacing
requirement, or the SN260 will not have time to operate on the command; additional
commands could result in error conditions or undesired behavior. If the nHOST_INT signal
is not already asserted, the Host is allowed to use the Wake handshake instead of the inter-
command spacing to determine if the SN260 is ready to accept a command.
6.2.6
Waking the SN260 from sleep
Waking up the SN260 involves a simple handshaking routine as illustrated in Figure 5. This
handshaking ensures that the Host will wait until the SN260 is fully awake and ready to
accept commands from the Host. If the SN260 is already awake when the handshake is
performed (such as when the Host resets and the SN260 is already operating), the
handshake will proceed as described below with no ill effects.
Note:
A wake handshake cannot be performed if nHOST_INT is already asserted.
Figure 5.
SN260 wake sequence
Waking the SN260 involves the following steps:
1.
Host asserts nWAKE.
2.
SN260 interrupts on nWAKE and exits sleep.
3.
SN260 performs all operations it needs to and will not respond until it is ready to accept
commands.
4.
SN260 asserts nHOST_INT within 10ms of nWAKE asserting. If the SN260 does not
assert nHOST_INT within 10ms of nWAKE, it is valid for the Host to consider the
SN260 unresponsive and to reset the SN260.
5.
Host detects nHOST_INT assertion. Since the assertion of nHOST_INT indicates the
SN260 can accept SPI transactions, the Host does not need to hold Slave Select high
for the normally required minimum 1ms of inter-command spacing.
6.
Host de-asserts nWAKE after detecting nHOST_INT assertion.
7.
SN260 will de-assert nHOST_INT within 25s of nWAKE de-asserting.
8.
After 25µs, any change on nHOST_INT will be an indication of a normal asynchronous
(callback) event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com