Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 18Page - STMicroelectronics SN260 Datasheet HTML 19Page - STMicroelectronics SN260 Datasheet HTML 20Page - STMicroelectronics SN260 Datasheet HTML 21Page - STMicroelectronics SN260 Datasheet HTML 22Page - STMicroelectronics SN260 Datasheet HTML 23Page - STMicroelectronics SN260 Datasheet HTML 24Page - STMicroelectronics SN260 Datasheet HTML 25Page - STMicroelectronics SN260 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
SPI protocol
SN260
22/88
6
SPI protocol
The SN260 low level protocol centers on the SPI interface for communication with a pair of
GPIO for handshake signaling.
The SN260 looks like a hardware peripheral.
The SN260 is the slave device and all transactions are initiated by the Host (the
master).
The SN260 supports a reasonably high data rate.
6.1
Physical interface configuration
The SN260 supports both SPI Slave Mode 0 (clock is idle low, sample on rising edge) and
SPI Slave Mode 3 (clock is idle high, sample on rising edge) at a maximum SPI clock rate of
5MHz, as illustrated in Figure 3.
Note:
The convention for the waveforms in this document is to show Mode 0.
Figure 3.
SPI transfer format, Mode 0 and Mode 3
The nHOST_INT signal and the nWAKE signal are both active low. The Host must supply a
pull-up resistor on the nHOST_INT signal to prevent errant interruptions during undefined
events such as the SN260 resetting. The SN260 supplies an internal pull-up on the nWAKE
signal to prevent errant interruptions during undefined events such as the Host resetting.
6.2
SPI transaction
The basic SN260 SPI transaction is half-duplex to ensure proper framing and to give the
SN260 adequate response time. The basic transaction, as shown in Figure 4, is composed
of three sections: Command, Wait, and Response. The transaction can be considered
analogous to a function call. The Command section is the function call, and the Response
section is the return value.
Figure 4.
General timing diagram for a SPI transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com