Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN260 Datasheet(PDF) 45 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 41Page - STMicroelectronics SN260 Datasheet HTML 42Page - STMicroelectronics SN260 Datasheet HTML 43Page - STMicroelectronics SN260 Datasheet HTML 44Page - STMicroelectronics SN260 Datasheet HTML 45Page - STMicroelectronics SN260 Datasheet HTML 46Page - STMicroelectronics SN260 Datasheet HTML 47Page - STMicroelectronics SN260 Datasheet HTML 48Page - STMicroelectronics SN260 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
SN260
EmberZNet serial protocol
45/88
Table 30.
EmberStatus
Structure
Field
Description
EMBER_SUCCESS
0x00
Generic 'no error' message.
EMBER_ERR_FATAL
0x01
Generic 'fatal error' message.
EMBER_EEPROM_MFG_STACK_VERSION_
MISMATCH
0x04
Manufacturing and stack token format in non-volatile
memory is different than what the stack expects
(returned at initialization).
EMBER_INCOMPATIBLE_STATIC_MEMORY_
DEFINITIONS
0x05
Static memory definitions in ember-static-memory.h are
incompatible with this stack version.
EMBER_EEPROM_MFG_VERSION_MISMATCH
0x06
Manufacturing token format in non-volatile memory is
different than what the stack expects (returned at
initialization).
EMBER_EEPROM_STACK_VERSION_
MISMATCH
0x07
Stack token format in non-volatile memory is different
than what the stack expects (returned at initialization).
EMBER_NO_BUFFERS
0x18
There are no more buffers.
EMBER_SERIAL_INVALID_BAUD_RATE
0x20
Specified an invalid baud rate.
EMBER_SERIAL_INVALID_PORT
0x21
Specified an invalid serial port.
EMBER_SERIAL_TX_OVERFLOW
0x22
Tried to send too much data.
EMBER_SERIAL_RX_OVERFLOW
0x23
There was not enough space to store a received
character and the character was dropped.
EMBER_SERIAL_RX_FRAME_ERROR
0x24
Detected a UART framing error.
EMBER_SERIAL_RX_PARITY_ERROR
0x25
Detected a UART parity error.
EMBER_SERIAL_RX_EMPTY
0x26
There is no received data to process.
EMBER_SERIAL_RX_OVERRUN_ERROR
0x27
Receive interrupt was not handled in time, and a
character was dropped.
EMBER_MAC_TRANSMIT_QUEUE_FULL
0x39
MAC transmit queue is full.
EMBER_MAC_UNKNOWN_HEADER_TYPE
0x3A
MAC header FCR error on receive.
EMBER_MAC_SCANNING
0x3D
MAC can't complete this task because it is scanning.
EMBER_MAC_NO_DATA
0x31
No pending data exists for device doing a data poll.
EMBER_MAC_JOINED_NETWORK
0x32
Attempt to scan when we are joined to a network.
EMBER_MAC_BAD_SCAN_DURATION
0x33
Scan duration must be 0 to 14 inclusive. Attempt was
made to scan with an incorrect duration value.
EMBER_MAC_INCORRECT_SCAN_TYPE
0x34
emberStartScan was called with an incorrect scan type.
EMBER_MAC_INVALID_CHANNEL_MASK
0x35
emberStartScan was called with an invalid channel
mask.
EMBER_MAC_COMMAND_TRANSMIT_
FAILURE
0x36
Failed to scan current channel because we were unable
to transmit the relevant MAC command.
EMBER_MAC_NO_ACK_RECEIVED
0x40
We expected to receive an ACK following the
transmission, but the MAC level ACK was never
received.
EMBER_MAC_INDIRECT_TIMEOUT
0x42
Indirect data message timed out before polled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com