Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 45Page - STMicroelectronics L5965 Datasheet HTML 46Page - STMicroelectronics L5965 Datasheet HTML 47Page - STMicroelectronics L5965 Datasheet HTML 48Page - STMicroelectronics L5965 Datasheet HTML 49Page - STMicroelectronics L5965 Datasheet HTML 50Page - STMicroelectronics L5965 Datasheet HTML 51Page - STMicroelectronics L5965 Datasheet HTML 52Page - STMicroelectronics L5965 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
A regulator is a “reset associated regulator” if it can issue a reset signal. This is decided by OTP. RESET_B de-
asserts only when the Power Good signals of all the “reset associated regulators” are high.
When a regulator starts the power up phase, a dedicated timer, whose duration is typically of 20ms, is started: if
the Power Good signal goes high before the time expires, then the state machine moves to the next regulator in
the sequence (after the OTP programmed delay). If the time expires and the Power Good is still low, then the
correspondent regulator power up phase is considered failed.
We can have two possible scenarios, depending on the regulator type (Main, or reset associated, or Post):
Main BUCK power up phase fails: the FAULT pin is asserted, RESET_B is kept low and the device goes to
a safe state (called REC state) waiting for a WKUP falling down transition to go back to STANDBY.
Reset associated regulator or post regulator power up phase fails: the FAULT pin is asserted, RESET_B
signal is kept low and SEC_UP phase is completed for the other regulators. Once the device has moved to
the ACTIVE state, it immediately goes back to SEC_UP state to retry to turn on the failed regulator. The
retry phase is done three times: if the fail is still present, then the device moves to REC state.
L5965
RAMPUP MAIN and SEC_UP
DS12567 - Rev 3
page 49/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com