Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 51Page - STMicroelectronics L5965 Datasheet HTML 52Page - STMicroelectronics L5965 Datasheet HTML 53Page - STMicroelectronics L5965 Datasheet HTML 54Page - STMicroelectronics L5965 Datasheet HTML 55Page - STMicroelectronics L5965 Datasheet HTML 56Page - STMicroelectronics L5965 Datasheet HTML 57Page - STMicroelectronics L5965 Datasheet HTML 58Page - STMicroelectronics L5965 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
Table 19. Buck2 CFG
Bit num
Name
Description
Row 9
Bit9
freqsel<0>
Free Running Frequency selection
0: 0.4 MHz
1: 2.4 MHz
Row 9
Bit8
cursel<0>
Max current selection
0: 1.35 A
1: 2.6 A
Row 9
Bit7:5
vsel<2:0>
Output Voltage selection
000: 5.0 V
001: 3.6 V
010: 3.3 V
011: 1.5 V
100: 1.35 V
101: 1.2 V
110: 1.1 V
111: 1.0 V
Table 20. Enables
EnBuck4
EnBuck3
EnLDO
EnBoost
EnVREF
enable of buck4
0: disable
1: enable
enable of buck3
0: disable
1: enable
enable of LDO
0: disable
1: enable
enable of Boost
0: disable
1: enable
enable of VREF
0: disable
1: enable
Table 21. SeqId Buck4, Buck3, LDO, Boost, Vref OTP
Bit Nb
Name
Description
–
SeqID_x<2:0>
(x=buck4, buck3, ldo, boost, vref)
000: regulator is turned on only by SPI enable signal(1)
001: regulator is turned on after Main regulator (second regulator)
010: regulator is turned on as third one
011: regulator is turned on as fourth one
100: regulator is turned on as fifth one
101: regulator is turned on as sixth one
110: regulator is turned on as seventh one
111: regulator is turned on only by SPI enable signal(1)
1. If enabled by OTP.
Table 22. Buck4 CFG
Bit num
Name
Description
Row 10
Bit9:7
vsel<2:0>
Output voltage selection
000: 3.3 V
001: 1.8 V
010: 1.35 V
011: 1.3 V
100: 1.25 V
101: 1.2 V
110: 1.12 V
111: 1.1 V
L5965
OTP bit mapping and register configuration
DS12567 - Rev 3
page 55/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com