Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 8Page - STMicroelectronics L5965 Datasheet HTML 9Page - STMicroelectronics L5965 Datasheet HTML 10Page - STMicroelectronics L5965 Datasheet HTML 11Page - STMicroelectronics L5965 Datasheet HTML 12Page - STMicroelectronics L5965 Datasheet HTML 13Page - STMicroelectronics L5965 Datasheet HTML 14Page - STMicroelectronics L5965 Datasheet HTML 15Page - STMicroelectronics L5965 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOUT_BUCK4
Output voltage
(no load, static)
OTP = 010
-2.5%
+2.5%
1.35
V
OTP = 011
1.3
V
OTP = 100
1.25
V
OTP = 101
1.2
V
OTP = 110
1.12
V
OTP = 111
1.1
V
ton_min
-
-
-
70
-
ns
∆VBUCK4/VBUCK4(4)
Undershoot
Load = 0.3 A to 0.6 A ∆t = 10 µs, VIN = 3.3
V
-5
-
5
%
∆VLINER-LOADR_VBUCK4
Static line + load regulation
Load = 0.3 A to 0.6 A
-
0.1
-
%
ILIMIT
Peak switching current limitation
-
1
1.35
1.9
A
RonHS
High side switch on resistance
-
-
150
250
mΩ
RonLS
Low side switch on resistance
-
-
120
220
mΩ
ƞ(4)
Efficiency
FSW = 2.4 MHz, VIN = 3.3 V, VOUT = 1.8 V,
Iload = 0.6 A
-
85
-
%
tSOFTSTART_BUCK4
Soft start time when start up, Vref
from 0 V to 1 V
SPI = 00
0.35
0.45
0.55
ms
SPI = 01
0.8
1.1
1.4
ms
SPI = 10
1.8
2.2
2.6
ms
Fspread_BUCK4
Spread spectrum range
Fsw=2.4 MHz
-4%
-
4%
–
PhiBUCK4
Phase shift to BUCK1
-
-
270
-
deg
Fsw_BUCK4
Free-run switching frequency
-
2.04
2.4
2.76
MHz
tSR_PH4(4)
Output stage slew rate when fSW
= 2.4 MHz
VIN = 3.3 V, Iload = 0.6 A, VOUT = 1.8 V
-
10
-
ns
BOOST
VIN_BOOST
Input voltage range
-
3.0
-
5.5
V
VBOOST
Output voltage
OTP = 0
-2.5%
5
+2.5%
V
OTP = 1
7
V
IBOOST_limit
Switch current limitation
-
500
-
1200
mA
FSW_BOOST
Switching frequency
-
2.04
2.4
2.76
MHz
PhSBOOST
Phase shift to BUCK1
-
-
270
-
deg
Fspread_BOOST
Spread spectrum range
FSW = 2.4 MHz
-4%
-
4%
*fSW
tSS_BOOST
Soft start time
SPI = 00 default
0.4
0.5
0.6
ms
SPI = 01
0.9
1.2
1.5
ms
SPI = 10
1.8
2.4
3
ms
RDSON_BOOST
LS RDSON
-
-
400
700
mΩ
ƞBOOST(4)
Efficiency
FSW = 2.4 MHz, VIN = 3.3 V, VOUT = 5 V,
Load = 200 mA
-
87
-
%
LDO
VSLDO
Input voltage range
-
1.8
-
6
V
VLDO
Output voltage
OTP = 000
-2.5%
5.0
+2.5%
V
OTP = 001
3.3
V
L5965
Electrical characteristics
DS12567 - Rev 3
page 12/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com