Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 9Page - STMicroelectronics L5965 Datasheet HTML 10Page - STMicroelectronics L5965 Datasheet HTML 11Page - STMicroelectronics L5965 Datasheet HTML 12Page - STMicroelectronics L5965 Datasheet HTML 13Page - STMicroelectronics L5965 Datasheet HTML 14Page - STMicroelectronics L5965 Datasheet HTML 15Page - STMicroelectronics L5965 Datasheet HTML 16Page - STMicroelectronics L5965 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VLDO
Output voltage
OTP = 010
-2.5%
+2.5%
2.8
V
OTP = 011
2.5
V
OTP = 100
1.8
V
OTP = 101
1.3
V
OTP = 110
1.25
V
OTP = 111
1.2
V
Iload
Load current range
OTP = 0
1
-
300
mA
Iload
Load current range
OTP = 1
1
-
600
mA
Vdrop
Iout = 600 mA
-
-
-
0.6
V
Cload
-
-
10
-
-
µF
CESR
-
-
-
-
100
mΩ
VREF
VREF
REF Output voltage, IVREF = 5 mA
OTP = 00
1.78
1.8
1.82
V
OTP = 01
2.47
2.5
2.53
V
OTP = 10
3.27
3.3
3.33
V
OTP = 11
4.06
4.1
4.14
V
Iload
Load current range
-
1
-
20
mA
IREF_TOT
Reference voltage current limit
-
23
35
-
mA
CVREF
VREF load capacitor
-
0.22
-
-
µF
CESR
Load capacitor ESR
-
-
-
30
mΩ
Toc_filter
Filter for over current flag of VREF -
-
4
-
ms
SYNC IN/OUT
VSYNCOUTL
Output low level
ISYNCOUT = -1 mA
-
-
0.2
V
VSYNCOUTH
Output high level
ISYNCOUT = 200 μA
3.0
-
3.3
V
CSYNCOUT
Pin capacitance inside silicon
(3)
-
10
15
pF
CL
Load capacitor at application level (4)
-
-
200
pF
TSYNCOUT
SYNCOUT cycles/seconds
Aligned with SYNCIN frequency range
-
-
370
ns
Tdelay_ SYNC_in-out
Delay between SYNCIN rising
edge and SYNCOUT rising edge
No load on SYNCOUT pin
-
-
20
ns
DCSYNCIN
Duty cycle of SYNCIN
-
30%
-
70%
Tdet
SYNCIN rising edge detection
time
SYNCIN frequency > 1.6 MHz.
10
14
18
µs
WKUP
VWAKE_ON
-
3
-
4
V
VWAKE_OFF
-
2
-
3
V
ILEAK_WKUP
Leakage current
VWKUP = 5 V, active mode
10
-
40
µA
tWAKE_filter
-
-
-
60
-
µs
RPD_WAKE
Internal pull-down resistor
-
-
200
-
kΩ
Twk_rec
WKUP high duration in REC
SPI = 00 default
8
10
11
ms
SPI = 01
17
20
22
ms
L5965
Electrical characteristics
DS12567 - Rev 3
page 13/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com