Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 47Page - STMicroelectronics L5965 Datasheet HTML 48Page - STMicroelectronics L5965 Datasheet HTML 49Page - STMicroelectronics L5965 Datasheet HTML 50Page - STMicroelectronics L5965 Datasheet HTML 51Page - STMicroelectronics L5965 Datasheet HTML 52Page - STMicroelectronics L5965 Datasheet HTML 53Page - STMicroelectronics L5965 Datasheet HTML 54Page - STMicroelectronics L5965 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
6.6
ACTIVE mode
In ACTIVE Mode the regulators are ON and the device is controlled by SPI: SPI communication is active only in
this state. All the regulators, except the Main regulator and the ones disabled via OTP (ENx = 0), can be turned
on and off via SPI; if the device goes out from ACTIVE mode, OTP power up phase is recovered.
If a fault occurs, the device can stay in ACTIVE Mode or move to REC, depending on the regulator involved and
the kind of fault.
•
A fault that asserts RESET_B moves the IC to the REC phase. WD failure asserting RESET_B depends on
OTP bit WD_REC_en: if WD_REC_en=1, L5965 moves to REC phase;
•
if WD_REC_en=0, L5965 keeps in ACTIVE mode.
WKUP pin is continuously monitored: if the signal goes low after a filtering time, then L5965 goes back to
STANDBY state after proper Power Down phase.
When the IC is switched on for the first time, supplying VBAT1 and/or VBAT2, a fault is asserted by VBAT1_uv or
VBAT2_uv. That’s not a real fault, and it can be cleared by an SPI read&clear command.
6.7
OTP program mode
L5965 needs a programming phase of OTP (One Time Programmable) cells before starting any operation: this is
allowed by providing battery line higher than 17 V (~20 V) at VBAT1 pin, together with a dedicated SPI word.
Figure 26. OTP program flow chart
L5965
ACTIVE mode
DS12567 - Rev 3
page 51/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com