Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 26Page - STMicroelectronics L5965 Datasheet HTML 27Page - STMicroelectronics L5965 Datasheet HTML 28Page - STMicroelectronics L5965 Datasheet HTML 29Page - STMicroelectronics L5965 Datasheet HTML 30Page - STMicroelectronics L5965 Datasheet HTML 31Page - STMicroelectronics L5965 Datasheet HTML 32Page - STMicroelectronics L5965 Datasheet HTML 33Page - STMicroelectronics L5965 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
Cluster temperatures information is available in the SPI registers and can be calculated from the binary coded
register values:
Decimal= 358.26−Tj
0.488
(1)
Tj=358.26−Decimal×0.488
(2)
We can get this information:
T = -40 °C → decimal code is 816 (0x330, read out from SPI register)
T = 25 °C → decimal code is 683 (0x2AB, read out from SPI register)
Read out SPI register 0x330, means the decimal is 816 → T = -40 °C
Read out SPI register 0x2AB, means the decimal is 683 → T = 25 °C
Also VBATx can be read from 0 to 22 V (above 22 V the ADC output doesn't change):
Decimal=46.55×VBATxx=1,2−1
(3)
VBATx=decimal+1
46.55
(4)
Example:
VBAT1 = 14 V→ decimal code is 651 (0x28B, read out from SPI register)
Read out SPI register 0x28B, means the decimal is 65 → VBAT1 = 14 V
L5965
Voltage regulators and features description
DS12567 - Rev 3
page 30/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com