Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 11Page - STMicroelectronics L5965 Datasheet HTML 12Page - STMicroelectronics L5965 Datasheet HTML 13Page - STMicroelectronics L5965 Datasheet HTML 14Page - STMicroelectronics L5965 Datasheet HTML 15Page - STMicroelectronics L5965 Datasheet HTML 16Page - STMicroelectronics L5965 Datasheet HTML 17Page - STMicroelectronics L5965 Datasheet HTML 18Page - STMicroelectronics L5965 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
TLFW2
Late Failure
Window 2
SPI = 01
31.1
-
-
ms
TSW2
Safe Window 2
SPI = 01
15.6
-
25.5
ms
TEFW3
Early Failure
Window 3
SPI = 10
-
-
25.5
ms
TLFW3
Late Failure
Window 3
SPI = 10
62.2
-
–
ms
TSW3
Safe Window 3
SPI = 10
31.1
-
50.9
ms
TEFW4
Early Failure
Window 4
SPI = 11
-
-
50.9
ms
TLFW4
Late Failure
Window 4
SPI = 11
124.4
-
-
ms
TSW4
Safe Window 4
SPI = 11
62.2
-
101.8
ms
1. L5965 is compatible with car passenger battery. It works up to a continuous operating voltage of 19 V and remains active up to 32 V.
2. Application information.
3. Guaranteed by design
4. Guaranteed by bench tests
L5965
Electrical characteristics
DS12567 - Rev 3
page 15/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com