Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 3 Page - STMicroelectronics

  L5965 Datasheet HTML 1Page - STMicroelectronics L5965 Datasheet HTML 2Page - STMicroelectronics L5965 Datasheet HTML 3Page - STMicroelectronics L5965 Datasheet HTML 4Page - STMicroelectronics L5965 Datasheet HTML 5Page - STMicroelectronics L5965 Datasheet HTML 6Page - STMicroelectronics L5965 Datasheet HTML 7Page - STMicroelectronics L5965 Datasheet HTML 8Page - STMicroelectronics L5965 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
1.2
Functional block diagram
Figure 2. Functional block diagram
BUCK1
VBAT 1
BST1
GH1
VREG1_S
VBAT 2
BUCK2
BST2
PH2
VREG2_S
PGND2
BST3
PH3
VREG3_S
PGND3
VSLDO
LDO
BUCK4
PGND4
PH4
VREG4_S
REF
SPI
CSN
CLK
DI
DO
WKUP
WDI
RESET_B
SGND
Watchdog &
reset
Safety
management
Input control
REFERENCE
BST4
VIN 3
PH1
GL 1
PGND1
sensep
sensen
BOOST
PH5
PGND5
VBOOST_ S
VIN 4
VREG
VREG
EXTSUP
Output/
control
VBOOST
VBUCK2
VREF
bandgap3
LDO
REF
VSLDO
LDO
VBUCK1
VBAT 1
EXTSUP
VBAT 1
4.6 V
-
+
3.3 V
Output
/loop
control
VBUCK2
BUCK3
3.3 V
Output
/loop
control
VBUCK2
VBUCK3
3.3 V
Output
/loop
control
VBUCK2
VBUCK4
VBUCK2
VBAT 1
MCU
MCU
MCU
MCU
MCU
MCU
ADC
bandgap 2
bandgap1
monitors
3.3 V
Frequency
processor
SYNCOUT
TJ clusters
VBAT 1
FAULT
VBUCK2
MCU
VBUCK2
COMP1
COMP2
AGND
DGND
SYNCIN
Debug
GADG1005181537PS
Application example with BUCK2 as main buck.
* A SCHOTTKY diode is needed. A 100 V, min 2 A forward current diode, is strongly suggested
*
L5965
Functional block diagram
DS12567 - Rev 3
page 3/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com