Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 6Page - STMicroelectronics L5965 Datasheet HTML 7Page - STMicroelectronics L5965 Datasheet HTML 8Page - STMicroelectronics L5965 Datasheet HTML 9Page - STMicroelectronics L5965 Datasheet HTML 10Page - STMicroelectronics L5965 Datasheet HTML 11Page - STMicroelectronics L5965 Datasheet HTML 12Page - STMicroelectronics L5965 Datasheet HTML 13Page - STMicroelectronics L5965 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tprogramming_dead_BUCK1
Dead time (Blanktime: non-
overlap time plus programming
time)
SPI = 111
-
200
-
ns
ton_min
-
-
-
208
-
ns
BUCK1 GATE Driver
Ron HS1
Ron @ Buck1_curr_max
SPI = '0' (1.0 A)
-
1.75
-
SPI = '1' (2.0 A)
-
0.85
-
Ron LS1
Ron @ Buck1_curr_max
SPI = '0' (1.0 A)
-
3.20
-
SPI = '1' (2.0 A)
-
1.60
-
VCLAMP_VGS_HS
Clamp protection for Vgs of
external transistor
-
9
-
11
V
VCLAMP_VGS_LS
Clamp protection for Vgs of
external transistor
-
9
-
11
V
tSOFTSTART_BUCK1
Soft start time when start up, Vref
from 0 V to 1 V
SPI = 00
0.3
0.42
0.55
ms
SPI = 01
0.7
1
1.3
ms
SPI = 10
1.6
2
2.4
ms
BUCK2
VIN_BUCK2
Input voltage range
-
3.3
-
32
V
VOUT_BUCK2
Output voltage (no load, static)
OTP = 000; VIN_BUCK2 > 6.2 V
-2.5%
5.0
+2.5%
V
OTP = 001; VIN_BUCK2 > 4.5 V
3.6
V
OTP = 010
3.3
V
OTP = 011
1.5
V
OTP = 100
1.35
V
OTP = 101
1.2
V
OTP = 110
1.1
V
OTP = 111
1.0
V
ton_min
Min Ton internal FET
-
-
100
-
ns
FSW
Free running frequency
OTP = 0
0.34
0.4
0.46
MHz
OTP = 1
2.04
2.4
2.76
MHz
∆VBUCK2/VBUCK2(4)
Undershoot &overshoot
Load = 0.3 A to 1.8 A, ∆t = 10 µs, VIN = 5 V
-5
-
5
%
∆VLINER-LOADR_VBUCK2
Static line + load regulation
VIN = 6 V to 32 V, VOUT = 5 V
ILoad = 0.3 A to 1.8 A
-
-0.45
-
%
ILIMIT
Peak switching current limitation
OTP = 0
1.35
1.8
2.3
A
OTP = 1
2.6
3.4
4.2
A
RonHS
High side switch on resistance
-
-
120
190
mΩ
RonLS
Low side switch on resistance
-
-
110
190
mΩ
ƞ(4)
Efficiency
FSW =400 kHz, VIN=14 V, VOUT = 5 V/3.3
V,
Iload = 2 A
-
86
-
%
FSW = 2.4 MHz, VIN = 5 V, VOUT = 3.3 V,
Iload = 1 A
-
88
-
%
tSOFTSTART_BUCK2
Soft start time when start up, Vref
from 0 V to 1 V
SPI = 00 default
0.35
0.45
0.5
ms
SPI = 01
0.8
1.1
1.4
ms
L5965
Electrical characteristics
DS12567 - Rev 3
page 10/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com