Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 34Page - STMicroelectronics L5965 Datasheet HTML 35Page - STMicroelectronics L5965 Datasheet HTML 36Page - STMicroelectronics L5965 Datasheet HTML 37Page - STMicroelectronics L5965 Datasheet HTML 38Page - STMicroelectronics L5965 Datasheet HTML 39Page - STMicroelectronics L5965 Datasheet HTML 40Page - STMicroelectronics L5965 Datasheet HTML 41Page - STMicroelectronics L5965 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
5.2.6
SPI REG BUCK EN
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
R/W
R/W
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
0x05
VBAT1/2_EN: VBAT UV/OV detection Enable
(Others)_EN SPI Regulators Enable/Disable (only in ACTIVE Mode)
5.2.7
SPI REG WD
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
R/W
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
Address
0x06
WD_TWIN: WatchDog Window timer selection (see Watchdog trigger time)
TWK_REC: WKUP high duration timer selection (see WKUP)
INF_RETRIAL_EN: 0: finite restart trials
1: infinite restart trials (default)
FAULT_TOGGLE: fault pin toggle test bits
101: set fault pin 'low';
110: set fault pin 'high';
others: keep fault pin as original fault output.
SPI_WDI: If SPI bit is used as WatchDog Input, SPI need to toggle this bit in WatchDog time windows. This bit
has default value 0.
L5965
SPI registers mapping
DS12567 - Rev 3
page 38/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com