Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 49Page - STMicroelectronics L5965 Datasheet HTML 50Page - STMicroelectronics L5965 Datasheet HTML 51Page - STMicroelectronics L5965 Datasheet HTML 52Page - STMicroelectronics L5965 Datasheet HTML 53Page - STMicroelectronics L5965 Datasheet HTML 54Page - STMicroelectronics L5965 Datasheet HTML 55Page - STMicroelectronics L5965 Datasheet HTML 56Page - STMicroelectronics L5965 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
Step
Description
Action
SPI Frame
Read
OTP
In this step, read the selected
row of OTP
Send read command and address of selected row of OTP.
Write register SAF_REG_OP=“0x002[row_addr]” via SPI
DI frame:
Bit31=’1’, bit30~23 =“0x30”,
Bit22=’1’, bit21=’1’,
bit20~11=“0x000”,
Bit10~9=”10”,
Bit8~5=”row_addr”,
bit4~0=CRC.
Read register SAF_REG_STAT via SPI. For first reading,
don’t care DO frame.
Get read back data on next DO frame, and then check if
reading operation is finished (saf_busy=0) and crc of OTP is
ok (saf_crc_ok=1/ status_crc_glb=1).
DI frame:
Bit31=’0’, bit30~23 =“0x34”,
Bit22=’1’, bit21=’0’, bit20~5=”--”,
bit4~0=CRC.
Read register SAF_REG_DO_Bit_Ts via SPI. For first reading,
don’t care DO frame.
DI frame:
Bit31=’0’, bit30~23 =“0x33”,
Bit22=’1’, bit21=’1’, bit20~5=”--”,
bit4~0=CRC.
DO frame (read back data of
SAF_REG_STAT):
Check if bit28~21=“0x34”,
If bit9=’0’, if bit8=’1’, if bit7=’1’.
Read register SAF_REG_DO_Bit_Ts via SPI again, then get
the read back data of this register on DO frame.
Note: bit15~13 of this register is crc of data1, it needs to be
checked.
DI frame:
Bit31=’0’, bit30~23 =“0x33”,
Bit22=’1’, bit21=’0’, bit20~5=”--”,
bit4~0=CRC.
DO frame:
Check if bit28~21=“0x33”,
If bit20~5=”“data1”.
6.8
OTP bit mapping and register configuration
Figure 27. OTP bit mapping
15
14
13
12
11
10
9
8
7
6
5
4
3
2 1 0
8
OTP_WD_REC_en
9
EnBUCK4
EnBUCK3
10
OvRst EN
11
EnLDO EnBOOST
BOOST CFG
12
EnVREF
CRC
CRC
BUCK3 CFG
WDG CFG
SeqId VREF
SeqId BOOST
SeqId BUCK3
SeqId LDO
USR Area Protection
Reset activation
Device identification
BUCK1 CFG
Non Prim SeqId
BUCK2 CFG
BUCK4 CFG
LDO CFG
PowrOn Delay
VREF CFG
CRC
Prim Id
SeqId BUCK4
CRC
CRC
GADG1505180950PS
Table 14. Reset activation OTP
Bit Nb
Name
Description
Row 8
Bit15:13 Reset_activation<2:0>
(1)
Reset release
000: Reset release after PGOOD of Main BUCK with a delay set by PowrOn Delay
001: Reset release after PGOOD of the 2nd regulator with a delay set by PowrOn Delay
010: Reset release after PGOOD of the 3rd regulator with a delay set by PowrOn Delay
L5965
OTP bit mapping and register configuration
DS12567 - Rev 3
page 53/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com