Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 22Page - STMicroelectronics L5965 Datasheet HTML 23Page - STMicroelectronics L5965 Datasheet HTML 24Page - STMicroelectronics L5965 Datasheet HTML 25Page - STMicroelectronics L5965 Datasheet HTML 26Page - STMicroelectronics L5965 Datasheet HTML 27Page - STMicroelectronics L5965 Datasheet HTML 28Page - STMicroelectronics L5965 Datasheet HTML 29Page - STMicroelectronics L5965 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
Figure 13. Fault function in active mode
GADG1105180907PS
NOR
FAULT pin
‘1’: no fault
‘0’: with fault
VBAT1/VBAT2_uv/ov
(read&clear)
All_buck_fault
(read&clear)
Watchdog_fail
(read&clear)
SPI_parity_fail
(read&clear)
LBIST_err
PowerUp_fault
Vreg_nok
Center_ot
Vreg_ot
Vref_uv/ov/oc
Ldo_uv/ov/ot
Boost_uv/ov/oc/ot/pg_loss
Buck1/2_uv/ov/oc/ot/pg_loss
OR
In order to avoid triggering RESET and FAULT during the soft start time, the UV is masked when regulators
(BUCK1//3/4, BOOST, LDO and VREF) are going to be enabled. The masking time is given by the following table.
Table 7. UV masking time
Regulator
Masking time (ms typ.)
BUCK1
5
BUCK2
5
BUCK3
5
BUCK4
5
BOOST
5
VREF
0.5
LDO
0.5
VREG
0.5
4.2.13
Configurable watchdog and reset
During normal operation, the watchdog monitors the microcontroller within a programmable trigger cycle. When
the device is in ACTIVE mode, which means the power up phase has been correctly performed and RESET_B
signal has been released, the watchdog is started with a timeout (long open window TLW ) to allow the
microcontroller to run its own setup and then to start the window watchdog by setting an inner signal TRIG = 1.
Subsequently, the micro controller has to serve the watchdog by providing the watchdog trigger bit TRIG within
the safe trigger area TSW. The trigger time is configurable by SPI. A correct watchdog trigger signal immediately
starts the next cycle. A wrong watchdog trigger causes a watchdog failure.
WDI signal can be ignored (by setting OTP bit) and SPI can be used as watchdog: in this case, a specific SPI
register must be accessed and toggled by SPI within the watchdog window. If the register is not refreshed at the
right time, a watchdog failure happens. In case of a watchdog failure, RESET_B and FAULT pins are always
asserted, and the device goes to REC mode or keeps in ACTIVE mode depending on the WD_REC_en OTP
configuration.
If OTP_WD_REC_en = 1 the device goes to REC mode in case of WD failure, and WD is no more active until the
ACTIVE mode is reached.
If OTP_WD_REC_en = 0, the device keeps in ACTIVE mode in case of WD failure, and WD is inactive for 280 ns
(1 system clock cycle, not significant), then active again in Long open window, and RESET_B asserts a small
pulse (typ 8 µs). Moving SPI_WD_REC_en = 1, the device behavior is the same as OTP_WD_REC_en = 1.
Configuration with OTP_WD_REC_en = 0 is useful if voltages should be immediately active in order to initialize
the system, regardless of the WD signal.
L5965
Voltage regulators and features description
DS12567 - Rev 3
page 26/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com