Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 14Page - STMicroelectronics L5965 Datasheet HTML 15Page - STMicroelectronics L5965 Datasheet HTML 16Page - STMicroelectronics L5965 Datasheet HTML 17Page - STMicroelectronics L5965 Datasheet HTML 18Page - STMicroelectronics L5965 Datasheet HTML 19Page - STMicroelectronics L5965 Datasheet HTML 20Page - STMicroelectronics L5965 Datasheet HTML 21Page - STMicroelectronics L5965 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
4.2
Voltage regulators and features description
4.2.1
VREG
VREG is an internal regulator used to supply Buck1, Buck3 and Buck4. Its output (6.0 V typical) is available at
VREG pin and decoupled by using a ceramic capacitor (2.2 µF suggested). The regulator has an internal current
limitation protection.
An external supply can be provided at EXTSUP pin, in parallel to VBAT1. In ACTIVE mode, if EXTSUP is higher
than a fixed threshold (typically 4.6 V), VREG supply is automatically switched to EXTSUP. It helps to improve
efficiency and save power dissipation when VBAT1 is higher than EXTSUP.
In case of over-temperature detection on VREG, the PMIC enters REC mode.
When the PMIC is in RAMPUP MAIN or SECUP mode, in case of fail of “vreg ok" on VREG, the IC enters REC
mode.
When the PMIC is in other modes, in case of fail of “vreg ok" on VREG, the IC provides a "vreg not ok" status via
SPI bit and asserts the FAULT pin.
VREG output value influences the PMIC power-up phase when BUCK2 is configured as main buck.
The minimum value of VBAT1 required to switch-on the IC can be calculated as Vth(VREG_OK)_rising + VREG
drop.
In RAMPUP MAIN and SECUP modes, if VBAT1 has not reached the minimum required value and VREG is not
ok, then FSM moves to REC state.
In ACTIVE mode, if VBAT1 has not reached the minimum required value and VREG is not ok, all related analog
blocks (buck1, buck3, buck4) are active, but the SPI bit and FAULT pin are asserted. To make sure that BUCK1,
BUCK3 and BUCK4 fully work, VREG should be higher than 3.5 V.
If this regulator is disabled and not used, EXSUP pin should be connected to ground.
Figure 8. VREG influence on PMIC behavior
SHUTDOWN
RAMPUP
…...
…...
VREG
FSM
ACTIVE
…...
…...
…...
FAULT pin
Vreg_ok
Vth(vreg_ok)_fall
Vreg=6V
VBAT1
Vth(POR)_rise
Vth(vreg_ok)_rise+vreg drop
Vth(vreg_ok)_rise
Vreg_drop
VBAT1(min)
GADG2711180930PS
4.2.2
Pre regulator BUCK1
BUCK1 controller operates using constant frequency peak current mode control. According to OTP selection, it
can work as Main BUCK pre-regulator (enabled by WKUP pin signal) or as post-regulator. The input voltage
(VBAT1) is compatible to battery level and the overvoltage detection of VBAT1 (typ 32 V, available via SPI and
enabled by default) can be disabled via SPI (enabled by default). The switching frequency is set to 400 kHz with
the possibility to have Spread Spectrum (enabled by default and disabled via SPI). Driving stage maximum output
current is programmable via SPI to 1 A or 2 A. Output voltage is programmable via OTP to 8 possible values
(5.0 V, 3.8 V, 3.3 V, 1.8 V, 1.2 V, 1.1 V, 1.0 V or 0.8 V). The inductor current is monitored by a Sense Amplifier,
sensing the drop on an external resistor, then the current limit value depends on the resistor value. Output power
stage dead time (to avoid Cross Conduction) is programmable via SPI on 8 different levels. Soft Start time is
programmable via SPI. Compensation network is external.
L5965
Voltage regulators and features description
DS12567 - Rev 3
page 18/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com