Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 40Page - STMicroelectronics L5965 Datasheet HTML 41Page - STMicroelectronics L5965 Datasheet HTML 42Page - STMicroelectronics L5965 Datasheet HTML 43Page - STMicroelectronics L5965 Datasheet HTML 44Page - STMicroelectronics L5965 Datasheet HTML 45Page - STMicroelectronics L5965 Datasheet HTML 46Page - STMicroelectronics L5965 Datasheet HTML 47Page - STMicroelectronics L5965 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
5.2.20
SPI REG OT Warning
15 14 13 12 11 10 9 8 7
6
5
4
3
2
1
0
RESERVED
R
R
R
R
R
R R R R
R
R
R
R
R
R
R
0
0
0
0
0
0
0 0 0
0
0
0
0
0
0
0
Address
0x1C
[6:0] Thermal warning from all the Thermal Clusters; read & clear
5.2.21
SPI Fault STAT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
R
R
R
R
R
R
R
0
0
0
0
0
0
0
Address
0x1D
SPI_FRAME_LONG: SPI frame length error; read & clear
SPI_FRAME_SHORT: SPI frame length error; read & clear
SPI_PAR_FAIL: SPI frame CRC fail; read & clear
SPI_FRAME_CNT_FAULT: SPI frame error on Count bit; read & clear
SPI_ADDRESS_ERR: SPI frame address error; read & clear
CSN_LOW_TIMEOUT_FAIL: 0: Csn right;
1: Csn low time longer than 35 ms; read & clear
L5965
SPI registers mapping
DS12567 - Rev 3
page 44/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com