Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 23Page - STMicroelectronics L5965 Datasheet HTML 24Page - STMicroelectronics L5965 Datasheet HTML 25Page - STMicroelectronics L5965 Datasheet HTML 26Page - STMicroelectronics L5965 Datasheet HTML 27Page - STMicroelectronics L5965 Datasheet HTML 28Page - STMicroelectronics L5965 Datasheet HTML 29Page - STMicroelectronics L5965 Datasheet HTML 30Page - STMicroelectronics L5965 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
It’s recommended to add an external 10 KΩ pull-down resistor on WDI pin to prevent incorrect watchdog
initialization.
The following picture illustrates the watchdog behavior.
Figure 14. Watchdog behavior
Trig=1
Proper trigger in
window mode
WD is working when in ACTIVE mode and OTP bit is enabled
Window
mode
WD off
Long
open
window
WD is stop
WD is working
Shutdown mode
GAPG2306150737PS
The watchdog trigger time is configured by setting SPI. The change of this time is not limited to the Long Open
Window. It can be changed also in "Window mode" state. However, it is suggested to write these bits only during
the long window, in order to avoid watchdog failures. Besides, the first trigger time should be < TLW (160 ms),
after that, next trigger should happen between (previous _Trigger_ time + TSW_min) and (previous _Trigger_ time
+ TSW_max).
Figure 15. Watchdog timing if WD_REC_en = 1
T
EFW
T
EFW
T
SW
T
EFW
T
SW
T
EFW
T
SW
T
RSTA
T
RSTA
T
LW
T
LW
T
LW
0
RESET-B
WD-
trigger
Normal operation
Time / ms
Time / ms
Trigger
signal
write
early
trigger
Missing
= missing trigger
= early trigger timing
= correct trigger timing
Normal startup operation and timeout failures
T
= restart time from REC to INIT then to ACTIVE
RSTA
T = safe trigger window
SW
T
= early failure window
EFW
T = long open window
LW
GADG1105181220PS
L5965
Voltage regulators and features description
DS12567 - Rev 3
page 27/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com