Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 52Page - STMicroelectronics L5965 Datasheet HTML 53Page - STMicroelectronics L5965 Datasheet HTML 54Page - STMicroelectronics L5965 Datasheet HTML 55Page - STMicroelectronics L5965 Datasheet HTML 56Page - STMicroelectronics L5965 Datasheet HTML 57Page - STMicroelectronics L5965 Datasheet HTML 58Page - STMicroelectronics L5965 Datasheet HTML 59Page - STMicroelectronics L5965 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
Table 23. OvRst_EN
Bit num
Name
Description
Row 10
Bit6
OvRst_EN<0>
OV assert RESET_B enable for all regulators except BOOST and VREF
0: no OV of regulator can assert RESET_B;
1: the OV of regulator that is in the reset activation list can assert RESET_B.
Table 24. Buck3 CFG
Bit num
Name
Description
Row 10
Bit5:3
vsel<2:0>
Output voltage selection
000: 3.3 V
001: 2.5 V
010: 2.3 V
011: 2.0 V
100: 1.8 V
101: 1.35 V
110: 1.2 V
111: 1.0 V
Table 25. LDO CFG OTP
Bit num
Name
Description
Row 11
Bit7
cursel<0>
Maximum current selection
0: 0.299 A
1: 0.599 A
Row 11
Bit6:4
vsel<2:0>
Output Voltage selection
000: 5.0 V
001: 3.3 V
010: 2.8 V
011: 2.5 V
100: 1.8 V
101: 1.3 V
110: 1.25 V
111: 1.2 V
Table 26. Boost CFG OTP
Bit num
Name
Description
Row 11
Bit3
vsel<0>
Output Voltage selection
0: 5.0 V
1: 7.0 V
Table 27. USR Area Protection OTP
Bit num
Name
Description
Row 12
Bit15:13
Usr_area_protection<2:0>
Rewrite protection.
111: the User SAF rows couldn’t be burned or simulated;
Others: the User SAF rows could be burned or simulated
L5965
OTP bit mapping and register configuration
DS12567 - Rev 3
page 56/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com