Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 10Page - STMicroelectronics L5965 Datasheet HTML 11Page - STMicroelectronics L5965 Datasheet HTML 12Page - STMicroelectronics L5965 Datasheet HTML 13Page - STMicroelectronics L5965 Datasheet HTML 14Page - STMicroelectronics L5965 Datasheet HTML 15Page - STMicroelectronics L5965 Datasheet HTML 16Page - STMicroelectronics L5965 Datasheet HTML 17Page - STMicroelectronics L5965 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Twk_rec
WKUP high duration in REC
SPI = 10
26
30
33
ms
SPI = 11
35
40
44
ms
GND loss comparator
VGL_TH
GND loss threshold
SGND to PGNDx
0.18
0.27
0.34
V
tGL_filter
GND loss filter
-
-
16
-
µs
Power output UV/OV monitor
VUV_L_ BUCKx, BOOST,
LDO, Vref
Under voltage threshold at falling
edge of output (as % of output).
Referred to the output relative
value
SPI = 0 default
-
91
-
%
SPI = 1
-
86
-
%
VUV_HYS_ BUCKx,
BOOST, LDO, Vref
Hysteresis of UV
-
-
2
3
%
VOV_H_BUCK2
VOV_H_BOOST, LDO
VOV_H_VREF, BUCK1/3/4
Over voltage threshold at rising
edge of output (as % of output).
Referred to the output relative
value
SPI = 0 (default)
-3.5
107
108
107.5
+3.5
%
VOV_H_BUCK2
VOV_H_BOOST, LDO
VOV_H_VREF, BUCK1/3/4
Over voltage threshold at rising
edge of output (as % of output).
Referred to the output relative
value
SPI = 1
-3.5
112
113
112.5
+3.5
%
VOV_HYS_ BUCKx,
BOOST, LDO, Vref
Hysteresis of OV
-
-
2
3
%
tUV_filter_BUCK3,4, BOOST,
LDO, Vref
Under voltage threshold filter time -
-
16
-
µs
tOV_filter_BUCK3,4, BOOST,
LDO, Vref
Over voltage threshold filter time
-
-
16
-
µs
tUV_filter_BUCK1
tUV_filter_BUCK2
Under voltage threshold filter time -
-
40
-
µs
tOV_filter_BUCK1
tOV_filter_BUCK2
Over voltage threshold filter time
-
-
40
-
µs
Power Good
VTH_PGx (x=1,2,3,4)
PGx Threshold as output voltage
percentage. Referred to the
output relative value
SPI = 0 default
-
95
99
%
SPI = 1
-
90
94
%
tGLITCH_PG
Glitch Filter Time for PG
-
-
60
-
µs
Watchdog trigger time
VHWDI
WDI pin threshold high
-
2.3
-
-
V
VLWDI
WDI pin threshold low
-
–
-
1
V
TLW
Long open window
-
160
200
240
ms
TEFW1
Early Failure
Window 1
SPI = 00
-
-
6.4
ms
TLFW1
Late Failure
Window 1
SPI = 00
15.6
-
-
ms
TSW1
Safe Window 1
SPI = 00
7.8
-
12.7
ms
TEFW2
Early Failure
Window 2
SPI = 01
-
-
12.7
ms
L5965
Electrical characteristics
DS12567 - Rev 3
page 14/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com