Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 72 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 65Page - STMicroelectronics L5965 Datasheet HTML 66Page - STMicroelectronics L5965 Datasheet HTML 67Page - STMicroelectronics L5965 Datasheet HTML 68Page - STMicroelectronics L5965 Datasheet HTML 69Page - STMicroelectronics L5965 Datasheet HTML 70Page - STMicroelectronics L5965 Datasheet HTML 71Page - STMicroelectronics L5965 Datasheet HTML 72Page - STMicroelectronics L5965 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
List of figures
Figure 1.
Simplified block diagram ............................................................. 2
Figure 2.
Functional block diagram ............................................................. 3
Figure 3.
Pin out (top view) .................................................................. 4
Figure 4.
Efficiency of Buck2 with Vin = 14 V and Vout = 3.3 V ......................................... 16
Figure 5.
Efficiency of Buck3 with Vin = 3.3 V and Vout = 2 V .......................................... 16
Figure 6.
Efficiency of Buck4 with Vin = 3.3 V and Vout = 1.8 V ........................................ 16
Figure 7.
Efficiency of Boost with Vin = 3.3 V and Vout = 5 V .......................................... 16
Figure 8.
VREG influence on PMIC behavior ..................................................... 18
Figure 9.
Pre regulator BUCK1............................................................... 19
Figure 10.
SYNC IN/OUT in Active mode ........................................................ 24
Figure 11.
SYNCOUT output buffer ............................................................ 24
Figure 12.
Reset circuit diagram in ACTIVE mode .................................................. 25
Figure 13.
Fault function in active mode ......................................................... 26
Figure 14.
Watchdog behavior ................................................................ 27
Figure 15.
Watchdog timing if WD_REC_en = 1 .................................................... 27
Figure 16.
Watchdog timing if WD_REC_en = 0 .................................................... 28
Figure 17.
Watchdog Early, Safe and Late window diagram ............................................ 28
Figure 18.
Output voltage and monitors.......................................................... 29
Figure 19.
Refresh mode in bucks ............................................................. 31
Figure 20.
SPI word representation ............................................................ 32
Figure 21.
SPI diagram ..................................................................... 33
Figure 22.
SPI protocol diagram ............................................................... 33
Figure 23.
Structure of CRC generator .......................................................... 35
Figure 24.
State machine ................................................................... 47
Figure 25.
State machine for SEC UP ........................................................... 50
Figure 26.
OTP program flow chart............................................................. 51
Figure 27.
OTP bit mapping.................................................................. 53
Figure 28.
OTP start-up state check ............................................................ 57
Figure 29.
Power up sequence ............................................................... 62
Figure 30.
Power down sequence ............................................................. 63
Figure 31.
PCB Layout example............................................................... 64
Figure 32.
VFQFPN-48 (7x7x1.0 mm - opt. D) package outline ......................................... 65
Figure 33.
VFQFPN-48 (7x7x1.0) marking information ............................................... 66
L5965
List of figures
DS12567 - Rev 3
page 72/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com