Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 19Page - STMicroelectronics L5965 Datasheet HTML 20Page - STMicroelectronics L5965 Datasheet HTML 21Page - STMicroelectronics L5965 Datasheet HTML 22Page - STMicroelectronics L5965 Datasheet HTML 23Page - STMicroelectronics L5965 Datasheet HTML 24Page - STMicroelectronics L5965 Datasheet HTML 25Page - STMicroelectronics L5965 Datasheet HTML 26Page - STMicroelectronics L5965 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
4.2.9
ADC
The ADC included in L5965 is a function that allows the characterization of the device on an evaluation board. It is
not intended for use in application. The absence of the ADC in the application does not affect the functionality of
the PMIC or the system's safety level.
It is a 10 bit SAR ADC able to provide via SPI a digital information on internal local thermal sensors (divided in
Thermal Clusters), VBAT1 and VBAT2.
Each cluster has a dedicated thermal warning and shutdown flag and the cluster temperature can be read out by
SPI.
In case the temperature of a cluster reaches the thermal shutdown threshold, the outputs assigned to this cluster
are shut down (all other outputs remain active). Thermal shutdown is independent from the ADC.
4.2.10
Wake up pin (WKUP)
The WKUP pin has an internal pulldown resistance. The maximum voltage this pin can sustain is limited to 40 V.
A higher voltage compliance level in the application can be achieved by applying an external series resistor
between the WKUP pin and the external wake-up signal.
When the device is in STANDBY mode, it can be activated by a voltage above VWAKE_ON threshold, with a
minimum duration of tWAKE_FILTER.
The device can be moved to STANDBY mode, applying a voltage below VWAKE_OFF threshold, with a
minimum pulse width of tWAKE_FILTER.
4.2.11
Synchronizing pin (SYNC in/out)
The user can provide an external clock on SYNCIN pin (higher than 1.8 MHz) in order to change the switching
frequency of the internal regulators (Buck1,Buck2, Buck3, Buck4 and Boost).
In case an external clock is not provided, SYNCIN can be left floating (with inner pull-down resistor). All regulators
work at their default switching frequency or, for the Buck2, the frequency selected by OTP.
When a clock at fsyncin frequency is provided on SYNCIN pin:
Buck1 works at fsyncin/6 if fsyncin>1.8 MHz or 400 kHz (default switching frequency) if fsyncin<1.2 MHz.
Buck3, Buck4 and Boost work at fsyncin if fsyncin>1.8 MHz or 2.4 MHz (default switching frequency) if
fsyncin<1.2 MHz.
When the frequency of the Buck2 is set to 2.4 MHz by OTP, the Buck2 works at fsyncin if fsyncin>1.8 MHz or
2.4 MHz (default switching frequency) if fsyncin<1.2 MHz.
When frequency of the Buck2 is set to 400 kHz by OTP, the Buck2 works at fsyncin/6 if fsyncin>1.8 MHz or
400 kHz (default switching frequency) if fsyncin<1.2 MHz.
L5965
Voltage regulators and features description
DS12567 - Rev 3
page 23/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com