Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 48Page - STMicroelectronics L5965 Datasheet HTML 49Page - STMicroelectronics L5965 Datasheet HTML 50Page - STMicroelectronics L5965 Datasheet HTML 51Page - STMicroelectronics L5965 Datasheet HTML 52Page - STMicroelectronics L5965 Datasheet HTML 53Page - STMicroelectronics L5965 Datasheet HTML 54Page - STMicroelectronics L5965 Datasheet HTML 55Page - STMicroelectronics L5965 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
After power-on release, the SAF (Antifuse cell) FSM (Finite State Machine) starts to download all SAF rows to
internal DFFs. When the auto download has finished, if Prim Id (bit15~13, ROW9) are “000”, the FSM will go to
OTP program mode for customer usage.
In this mode, the user could program/burn SAF rows:
•
Write data to SAF_REG_DI via SPI
•
Set SAF parameter in SAF_REG_CFG via SPI
The program/burn command should be sent to SAF_REG_OP via SPI, then the data in SAF_REG_DI will be
burned in SAF cells.
USR_ Area _PROTECTION (bit15~13 of ROW12) is used to protect SAF rows from re-burning; when the bits are
“111”, the burning command for USR SAF rows can’t be executed. So the Row12 must be the last one to be
burned in the USR Area.
In OTP program mode, the saf_addr should be from 8~12; otherwise the saf_opration_error flag will be set.
Table 13 shows the detailed instructions on how to program an OTP row.
Table 13. OTP row programming
Step
Description
Action
SPI Frame
Enter
OTP
prog
mode
Power on device. If OTP has
not been burned yet, the
device goes to OTP program
mode
Power on device.
--
Burn
OTP
In this step, selected words
(indicated as data1) must be
written to a selected row of
OTP (address indicated as
row_addr)
Write register SAF_REG_DI = “data1” via SPI.
Note: bit15~13 of this register is crc of data1, it is auto
calculated by digital circuit.
DI frame:
Bit31=’1’, bit30~23 =“0x32”,
Bit22=’1’, bit21=’0’, bit20~5=data1,
bit4~0=CRC.
Write register SAF_REG_CFG=“0x7000” via SPI;
note: saf_hv_en_force_decoding (bit14~bit12 of this register)
should be set to "111", otherwise the burn operation is
forbidden.
DI frame:
Bit31=’1’, bit30~23 =“0x31”,
Bit22=’1’, bit21=’1’,
bit20~5=“0x7000”, bit4~0=CRC.
Send burn command and address of selected row of OTP.
Write register SAF_REG_OP=“0x001[row_addr]” via SPI
DI frame:
Bit31=’1’, bit30~23 =“0x30”,
Bit22=’1’, bit21=’0’,
bit20~11=“0x000”,
Bit10~9=”01”,
Bit8~5=”row_addr”,
bit4~0=CRC.
Wait end of write procedure, then read register
SAF_REG_STAT via SPI. For first reading, don’t care DO
frame.
DI frame:
Bit31=’0’, bit30~23 =“0x34”,
Bit22=’1’, bit21=’1’, bit20~5=”--”,
bit4~0=CRC.
Read register SAF_REG_STAT via SPI again.
Saf_busy (bit4 of this register)=’1’ indicates burn operation is
not finished, then wait a moment and read this register again.
Saf_busy =’0’ indicates burn operation is finished.
Saf_opration_error (bit6 of this register) =’0’ indicates the burn
operation is valid, otherwise invalid.
DI frame:
Bit31=’0’, bit30~23 =“0x34”,
Bit22=’1’, bit21=’0’, bit20~5=”--”,
bit4~0=CRC.
DO frame:
Check if bit28~21=“0x34”,
If bit9=’0’, if bit11=’0’.
Read
OTP
In this step, read the selected
row of OTP
Write register SAF_REG_CFG=“0xXXXX” via SPI;
This is not necessary, you can skip it if you keep saf_r_code
default.
--
L5965
OTP program mode
DS12567 - Rev 3
page 52/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com