Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 4 Page - STMicroelectronics

  L5965 Datasheet HTML 1Page - STMicroelectronics L5965 Datasheet HTML 2Page - STMicroelectronics L5965 Datasheet HTML 3Page - STMicroelectronics L5965 Datasheet HTML 4Page - STMicroelectronics L5965 Datasheet HTML 5Page - STMicroelectronics L5965 Datasheet HTML 6Page - STMicroelectronics L5965 Datasheet HTML 7Page - STMicroelectronics L5965 Datasheet HTML 8Page - STMicroelectronics L5965 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
2
Pins description
Figure 3. Pin out (top view)
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
12
9
10
11
REF
EXTSUP
VBAT1
VREG
BST1
GH1
PH1
GL1
PGND1
sensep
sensen
COMP1
SYNCOUT
SYNCIN
BST2
VBAT2
PH2
PGND2
VREG2_S
COMP2
VBOOST_S
PGND5
PH5
WKUP
GAPG2206151609PS
Table 1. Pin description and functions
No.
Pin name
Pin type
Description
1
REF
O
Accurate reference voltage output
2
VBAT1
S
VBAT1 for inner reference and supply for pre-BUCK1 external HS MOS
3
EXTSUP
S
Optional LV input for BUCK1, BUCK3, BUCK4 gate driver supply
4
VREG
O
Internal regulator for BUCK1, BUCK3, BUCK4 gate driver supply (decoupling)
5
BST1
I/O
Boot-strap capacitor to supply BUCK1 high-side MOS gate-driver circuitry
6
GH1
O
Gate driver of external high-side MOS
7
PH1
O
Switching node BUCK1
8
GL1
O
Gate driver of external low-side MOS
9
PGND1
G
Ground for external low-side MOS driver circuitry
10
sensep
I
Positive differential current sense input for BUCK1
11
sensen
I
Negative differential current sense input for BUCK1
12
COMP1
I/O
BUCK1 Error Amplifier compensation network
13
VREG1_S
I
BUCK1 regulated voltage output (to internal voltage monitors)
14
Debug
I
Device debug. Connect to ground when not used
15
BST3
I/O
Boot-strap capacitor to supply BUCK3 high-side MOS gate-driver circuitry
16
VIN3
S
Input voltage supply for BUCK3
L5965
Pins description
DS12567 - Rev 3
page 4/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com