Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 21Page - STMicroelectronics L5965 Datasheet HTML 22Page - STMicroelectronics L5965 Datasheet HTML 23Page - STMicroelectronics L5965 Datasheet HTML 24Page - STMicroelectronics L5965 Datasheet HTML 25Page - STMicroelectronics L5965 Datasheet HTML 26Page - STMicroelectronics L5965 Datasheet HTML 27Page - STMicroelectronics L5965 Datasheet HTML 28Page - STMicroelectronics L5965 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
4.2.12
Reset and Fault
In ACTIVE mode, a reset signal is generated by L5965 at RESET_B pin in case of UV, OV if enabled by OTP, PG
loss on Main regulator and Watchdog failure (wrong trigger of WD). Every regulator that can issue a reset, moves
the device to REC state. Reset behavior at Power Up phase is fully described in Section 6 Device operating
mode.
Figure 12. Reset circuit diagram in ACTIVE mode
GAPG2306150942PS
≥ 1
RESET_B
pin
Watchdog failure
(main)
Buck1/2_pg_loss
(main)
Buck1/2_mon_uv
Ldo_mon_uv/ov
Buck4_pg_loss
Buck4_mon_uv/ov
Buck3_pg_loss
Buck3_mon_uv/ov
SPI control bits
OTP user setup &
(post)
Buck1/2_pg_loss
(post)
Buck1/2_mon_uv/ov
(post)
Buck1/2_mon_uv
MUX
A loss of ground (PGLOSS) asserts RESET_B with the following rules:
1.
if the regulator is disabled by OTP, PGLOSS cannot assert RESET_B;
2.
if the regulator is enabled by OTP, but it is not in the Reset Activation list, PGLOSS cannot assert RESET_B;
3.
if the regulator is enabled by OTP and it is in the Reset Activation list, no matter if it is disabled by SPI,
PGLOSS can assert RESET_B.
The undervoltage (UV) asserts RESET_B with the following rules:
•
if the regulator is disabled by OTP, UV cannot assert RESET_B;
•
if the regulator is enabled by OTP, but it is not in the Reset Activation list, UV cannot assert RESET_B;
•
it the regulator is enabled by OTP and it is in the Reset Activation list, but it is disabled by SPI, UV cannot
assert RESET_B;
•
if the regulator is enabled by OTP, it is in the Reset Activation list and it is not disabled by SPI, UV can
assert RESET_B.
The overvoltage (OV) asserts RESET_B in a similar way as the undervoltage, with this additional condition:
•
if OvRst_EN is set to 0 through OTP, the OV cannot assert RESET_B.
A FAULT signal is generated in active mode in case of a fault, as shown in Figure 13.
•
"SPI_parity_fail" refers to SPI_PAR_FAIL, Bit2 of SPI fault STAT
•
"PowerUp fault" is an error generated by regulators during power-up phase:
–
each regulator should complete its own power-up phase up to the power good signal within 20 ms
•
"LBIST_err" is an error generated by one of the following checks:
–
Buck clock generation
–
Logic diagnostics circuit
–
Main State Machine
L5965
Voltage regulators and features description
DS12567 - Rev 3
page 25/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com