Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5965 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 58Page - STMicroelectronics L5965 Datasheet HTML 59Page - STMicroelectronics L5965 Datasheet HTML 60Page - STMicroelectronics L5965 Datasheet HTML 61Page - STMicroelectronics L5965 Datasheet HTML 62Page - STMicroelectronics L5965 Datasheet HTML 63Page - STMicroelectronics L5965 Datasheet HTML 64Page - STMicroelectronics L5965 Datasheet HTML 65Page - STMicroelectronics L5965 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
6.11
Power up programming
According to the data written in OTP cells, we can have different power up phases. The meaning of OTP bits
code is the following:
•
Main BUCK selection : main regulator, BUCK1 (OTP = 101) or BUCK2 (OTP = 110), is turned on only by
WKUP signal
•
Other regulators (BUCK1 or BUCK2, BUCK3, BUCK4, BOOST, LDO and VREF) turning on order, from
second to the seventh one:
–
000 = regulator is turned on only by SPI enable signal
–
001 = regulator is turned on after Main regulator (second regulator)
–
010 = regulator is turned on as third one
–
011 = regulator is turned on as fourth one
–
100 = regulator is turned on as fifth one
–
101 = regulator is turned on as sixth one
–
110 = regulator is turned on as seventh one
–
111 = regulator is turned on only by SPI enable signal
Two regulators with the same order number is not allowed, except for 000 or 111 code. Enable bit in OTP cells
(EnBuck3/4, EnLDO, EnBoost and EnVref) must be set to '1' too, to have the regulator ON in ACTIVE phase. All
the regulators with 111 code can be turned on in ACTIVE mode, when the SPI is available.
Regulators turning on delay after Power Good: the delay is the same for all the regulators.
•
00 = no delay
•
01 = 2 ms after PGOOD of previous regulator
•
10 = 5 ms after PGOOD of previous regulator
•
11 = 10 ms after PGOOD of previous regulator
•
Reset activation related to the right regulator Power Good (3 bits)
–
000 = Reset release after PGOOD of Main BUCK with a delay from 0 (no delay) to 10 ms (2bits)
–
001 = Reset release after PGOOD of the second regulator with a delay from 0 (no delay) to 10 ms
(2bits)
–
…
–
110 = Reset release after PGOOD of the last regulator with a delay from 0 (no delay) to 10 ms
(2bits)
–
111 = Reset release when ACTIVE state is reached (unconditional Reset release)
Figure 29. Power up sequence
INIT
SEC UP
VREG_OK
VREG
T < texp
BUCK
PG_BUCK
RAMPUP
BUCK
GAPG1002161613PS
L5965
Power up programming
DS12567 - Rev 3
page 62/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com