Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
ADXL346
Data Sheet
Register 0x31—DATA_FORMAT (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
SELF_TEST
SPI
INT_INVERT
0
FULL_RES
Justify
Range
The DATA_FORMAT register controls the presentation of data
to Register 0x32 through Register 0x37. All data, except that for
the ±16 g range, must be clipped to avoid rollover.
SELF_TEST Bit
A setting of 1 in the SELF_TEST bit applies a self-test force to
the sensor, causing a shift in the output data. A value of 0 disables
the self-test force.
SPI Bit
A value of 1 in the SPI bit sets the device to 3-wire SPI mode,
and a value of 0 sets the device to 4-wire SPI mode.
INT_INVERT Bit
A value of 0 in the INT_INVERT bit sets the interrupts to active
high, and a value of 1 sets the interrupts to active low.
FULL_RES Bit
When this bit is set to a value of 1, the device is in full resolution
mode, where the output resolution increases with the g range
set by the range bits to maintain a 4 mg/LSB scale factor. When
the FULL_RES bit is set to 0, the device is in 10-bit mode, and
the range bits determine the maximum g range and scale factor.
Justify Bit
A setting of 1 in the justify bit selects left-justified (MSB) mode,
and a setting of 0 selects right-justified mode with sign extension.
Range Bits
These bits set the g range as described in Table 21.
Table 21. g Range Setting
Setting
D1
D0
g Range
0
0
±2 g
0
1
±4 g
1
0
±8 g
1
1
±16 g
Register 0x32 to Register 0x37—DATAX0, DATAX1,
DATAY0, DATAY1, DATAZ0, DATAZ1 (Read Only)
These six bytes (Register 0x32 to Register 0x37) are eight bits
each and hold the output data for each axis. Register 0x32 and
Register 0x33 hold the output data for the x-axis, Register 0x34 and
Register 0x35 hold the output data for the y-axis, and Register 0x36
and Register 0x37 hold the output data for the z-axis. The output
data is twos complement, with DATAx0 as the least significant byte
and DATAx1 as the most significant byte, where x represents X,
Y, or Z. The DATA_FORMAT register (Address 0x31) controls
the format of the data. It is recommended that a multiple-byte
read of all registers be performed to prevent a change in data
between reads of sequential registers.
Register 0x38—FIFO_CTL (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
FIFO_MODE
Trigger
Samples
FIFO_MODE Bits
These bits set the FIFO mode, as described in Table 22.
Table 22. FIFO Modes
Setting
D7
D6
Mode
Function
0
0
Bypass
FIFO is bypassed.
0
1
FIFO
FIFO collects up to 32 values and then
stops collecting data, collecting new
data only when FIFO is not full.
1
0
Stream
FIFO holds the last 32 data values.
When FIFO is full, the oldest data is
overwritten with newer data.
1
1
Trigger
When triggered by the trigger bit,
FIFO holds the last data samples
before the trigger event and then
continues to collect data until FIFO is
full. New data is collected only when
FIFO is not full.
Trigger Bit
A value of 0 in the trigger bit links the trigger event of trigger mode
to INT1, and a value of 1 links the trigger event to INT2.
Samples Bits
The function of these bits depends on the FIFO mode selected (see
Table 23). Entering a value of 0 in the samples bits immediately
sets the watermark bit in the INT_SOURCE register (Address
0x30), regardless of which FIFO mode is selected. Undesirable
operation may occur if a value of 0 is used for the samples bits
when trigger mode is used.
Table 23. Samples Bits Functions
FIFO Mode
Samples Bits Function
Bypass
None.
FIFO
Specifies how many FIFO entries are needed to
trigger a watermark interrupt.
Stream
Specifies how many FIFO entries are needed to
trigger a watermark interrupt.
Trigger
Specifies how many FIFO samples are retained in
the FIFO buffer before a trigger event.
Rev. C | Page 26 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com