Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 9Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 10Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 11Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 12Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 14Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ADXL346
0
5
10
15
20
25
30
35
40
0.5
0.6
0.7
0.8
0.9
1.0
SELF-TEST SHIFT (g)
Figure 28. X-Axis Self-Test Response at 25°C, VS = 2.6 V
0
5
10
15
20
25
30
35
40
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
SELF-TEST SHIFT (g)
Figure 29. Y-Axis Self-Test Response at 25°C, VS = 2.6 V
0
5
10
15
20
25
30
35
40
1.0
1.1
1.2
1.3
1.5
1.4
SELF-TEST SHIFT (g)
Figure 30. Z-Axis Self-Test Response at 25°C, VS = 2.6 V
0
5
10
15
20
25
30
35
40
90
100
120
140
160
180
110
130
150
170
OUTPUT CURRENT (µA)
Figure 31. Supply Current at 25°C, 100 Hz Output Data Rate, VS = 2.6 V
0
20
40
60
80
100
120
140
160
3.13 6.25 12.50
25
50
100
200
400
1600
800
3200
OUTPUT DATA RATE (Hz)
Figure 32. Supply Current vs. Output Data Rate at 25°C—10 Parts, VS = 2.6 V
90
100
110
120
130
140
150
1.6
1.8
2.0
2.2
2.4
2.6
2.8
SUPPLY VOLTAGE, VS (V)
Figure 33. Supply Current vs. Supply Voltage at 25°C
Rev. C | Page 11 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com